Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 47Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 48Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 49Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 50Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 51Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 52Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 53Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 54Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 136 page
background image
1996 Oct 29
51
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.1.5.2
Format of downlink data frames
The downlink data frame format is described in Table 40. Each word consists of four fields; these are described in
Table 37.
Table 37 Field descriptions
Table 38 Classification of the 16-bit samples
Table 39 Valid values for FID
Note
1. Binary value; X = don’t care.
FIELD
DESCRIPTION
DATA
Depending on the contents of the CMD field (see Table 38), this field contains a data byte belonging to a
user or a control data block or auxiliary control information for the terminal adaptor.
CMD
This field classifies the 16-bit samples as described in the Table 38.
SYNC
Synchronization signal for external (test) equipment. Marks the 20 ms speech frames. Each falling edge of
SYNC marks the beginning of a new output speech frame and with a constant offset due to internal
module processing time the rising edge of SYNC marks a new input speech frame. As soon as audio
output data are available this bit always reflects the internal speech frame timing independently of other
processing tasks of the DSP.
INFO
This field may be used by external devices to distinguish between audio and data frames. The INFO field
of word#2 contains the so called frame identification (FID); see Table 39.
CMD FIELD
DESCRIPTION
76543
00001
The data field contains a valid data byte belonging to either a user or a control data block.
00010
The data field contains auxiliary control information that may be used by the terminal
adaptor for synchronization purposes.
11111
Indicates that the data field contains invalid data, which should be ignored.
Other combinations
Reserved for future expansion. Not used by the DSP.
FID(1)
FRAME TYPE
00
audio frame
01
data frame
1X
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com