Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 40Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 41Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 42Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 43Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 44Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 45Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 46Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 47Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 136 page
background image
1996 Oct 29
44
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Fig.15 Baseband RX Timing diagram.
handbook, full pagewidth
MGE294
SIXD
SIXEN
(2.27 kHz)
SIXCLK
(13 MHz)
I15
I0
Q15
Q0
Fig.16 AGC characteristic.
handbook, full pagewidth
0
−20
−40
−60
−80
−100
−120
absolute input level (dBm)
0
MGE295
−10
−20
−30
−40
−50
−60
ADC
output
(dB)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com