Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 100Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 101Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 102Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 103Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 104Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 105Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 106Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 107Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 136 page
background image
1996 Oct 29
104
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 82 Hardware Control Register
Notes
1. RSTx = 0 means reset condition if RSTO is asserted; ‘
−’ denotes not affected from reset line. During reset
(RST, RSTO) only those registers with an explicitly given reset value are affected. All other registers are undefined
and have to be set by the controller.
2. To clear these interrupt flags, the corresponding location has to be written with a logic 1.
Table 83 Real Time Clock registers
Note
1. RSTx = 0 means reset condition if RSTC is asserted; ‘
−’ denotes not affected from reset line. During reset
(RST, RSTC) only those registers with an explicitly given reset value are affected. All other registers are undefined
and have to be set by the controller.
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
AUXON_LH(2) HWCTRL_INT activated from LOW-to-HIGH transition of
input AUXON
0
1
R/W
AUXON_HL(2) HWCTRL_INT activated from HIGH-to-LOW transition of
input AUXON
0
2
R/W
ONKEY(2)
HWCTRL_INT activated from ONKEY input
0
3
R/W
LOWVOLT(2)
HWCTRL_INT activated from LOWVOLT input
0
4
R/W
CLOCK(2)
HWCTRL_INT activated from real time clock
0
5
R/W
ALARM(2)
HWCTRL_INT activated from alarm time match
0
6
R/W
SWOFF
Set to logic 1 for mobile switch off operation
0
0
7
R/W
SECINT
Select the real time clock interrupt to appear every second or
every minute
00
8
R/W
SETCLOCK
Set to logic 1 to enable the real time clock to be set
0
0
9
R/W
MMIREQ(2)
HWCTRL_INT activated from a MMI controller service
request via input MMIREQ
0
10
R/W
MMICLK
A logic 1 enables the MMI controller clock output (MMICLK)
1
1
OFFSET
R/W
SYMBOL
SIZE
DESCRIPTION
RST = 0
RSTx=0(1)
30
R/W
SEC_REG
7
RTC: seconds
00
31
R/W
MIN_REG
7
RTC: minutes
00
32
R/W
HOUR_REG
6
RTC: hours
00
33
R/W
DAY_REG
3
RTC: day
00
34
R/W
DATE_REG
6
RTC: date
01
35
R/W
MONTH_REG
5
RTC: month
01
36
R/W
YEAR_REG
8
RTC: year
00
37
R/W
SEC_A_REG
7
RTC alarm function: seconds
−−
38
R/W
MIN_A_REG
7
RTC alarm function: minutes
−−
39
R/W
HOUR_A_REG
6
RTC alarm function: hours
−−
3A
R/W
DAY_A_REG
3
RTC alarm function: day
−−
3B
R/W
DATE_A_REG
6
RTC alarm function: date
−−
3C
R/W
MONTH_A_REG
5
RTC alarm function: month
00
3D
R/W
YEAR_A_REG
8
RTC alarm function: year
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com