Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 99Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 100Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 101Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 102Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 103Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 104Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 105Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 106Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 136 page
background image
1996 Oct 29
103
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 80 Bit mask register (Power-Down Control Lines)
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 81 Quarterbit Counter Control Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
PDRX1
A logic 1 enables the control line. A logic 0 disables the
control line, output level determined with corresponding
output polarity flag
1
−
1
R/W
PDRX2
1
−
2
R/W
(N)PDTX1,
(N)PDBIAS
1
−
2
R/W
NPDTX2
1
−
3
R/W
PDSYN
1
−
4
R/W
TXKEY1
1
−
5
R/W
TXKEY2
1
−
6
R/W
RXON
1
−
7
R/W
TXON
1
−
8
R/W
BEN
1
−
9
R/W
GPON1
1
−
10
R/W
GPON2
1
−
11
R/W
REFON
1
−
12
R/W
DSPON
1
−
13
R/W
NREFON
1
−
Bit
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
SYNC
Enable SYNC mode
0
−
1
R/W
INSERT
Enable INSERT mode
0
−
2
R/W
EXTRACT
Enable EXTRACT mode
0
−
3
R/W
SLEEP
Enable Sleep mode
0
−
4
R/W
SLEEPRED
Enable Reduced Sleep mode
0
−
5
R/W
CAL
Start Sleep mode calibration procedure
0
−
6
R/W
FSCEXT
Enable IOM®-2 FSC period extension mode
0
−
7
R/W
FSCRED
Enable IOM®-2 FSC period reduction mode
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com