Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 101Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 102Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 103Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 104Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 105Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 106Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 107Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 108Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 136 page
background image
1996 Oct 29
105
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 84 Combined Interrupt Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 85 High Priority Interrupt Register
Notes
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
2. To clear these interrupt flags, the corresponding location has to be written with a logic 1.
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R
HWCTRL_INT
HWCTRL_INT interrupt was activated.
−−
1
R
IOM_INT
IOM_INT interrupt was activated.
−−
2
R
SI_INT
SI_INT interrupt was activated.
−−
3
R/W
HWCTRL_MASK
Enable the HWCTRL_INT interrupt to assert the
COMB_INT interrupt line.
0
−
4
R/W
IOM_MASK
Enable the IOM_INT interrupt to assert the COMB_INT
interrupt line.
0
−
5
R/W
SI_MASK
Enable the SI_INT interrupt to assert the COMB_INT
interrupt line.
0
−
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
RX_INT(2)
Assert the HIPR_INT interrupt line when the RX_REG
is sent via the RF Bus.
0
−
1
R/W
RXTX_INT(2)
Assert the HIPR_INT interrupt line when the TX_REG
is sent via the RF Bus prior to a MON burst in the TX
timeslot.
0
−
2
R/W
TX_INT(2)
Assert the HIPR_INT interrupt line when the TX_REG
is sent via the RF Bus prior to a TX burst.
0
−
3
R/W
MON_INT(2)
Assert the HIPR_INT interrupt line when the
MON_REG is sent via the RF Bus.
0
−
4
R/W
AS_INT1(2)
Assert the HIPR_INT interrupt line when the
DACOFF_REG is sent via the RF Bus.
0
−
5
R/W
FRAME_INT(2)
Assert the HIPR_INT interrupt line at the beginning of
every TDMA frame.
0
−
6
R
PIRQN_INT
Assert the HIPR_INT interrupt line if the DSP core host
port input request is active.
0
−
7
R
PORQN_INT
Assert the HIPR_INT interrupt line if the DSP core host
port output request is active.
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com