Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 109 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 105Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 106Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 107Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 108Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 109Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 110Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 111Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 112Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 136 page
background image
1996 Oct 29
109
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 92 IOM®-2 Interface Control Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 93 IOM®-2 Interface Interrupt Enable Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
TABORT0
Monitor master 0 transmit abort request
0
−
1
R/W
TABORT1
Monitor master 1 transmit abort request
0
−
2
R
RABORT0
Monitor master 0 receive abort request
0
−
3
R
RABORT1
Monitor master 1 receive abort request
0
−
4
R/W
TEOM0
Monitor master 0 transmit end of message
0
−
5
R/W
TEOM1
Monitor master 1 transmit end of message
0
−
6
R
REOM0
Monitor master 0 receive end of message
0
−
7
R
REOM1
Monitor master 1 receive end of message
0
−
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
MON0_IBF_EN
Enable the MON0_IBF flag to assert the IOM_INT
interrupt condition.
0
−
1
R/W
MON0_OBE_EN
Enable the MON0_OBE flag to assert the IOM_INT
interrupt condition.
0
−
2
R/W
MON1_IBF_EN
Enable the MON1_IBF flag to assert the IOM_INT
interrupt condition.
0
−
3
R/W
MON1_OBE_EN
Enable the MON1_OBE flag to assert the IOM_INT
interrupt condition.
0
−
4
R/W
CI0_IBF_EN
Enable the CI0_IBF flag to assert the IOM_INT
interrupt condition.
0
−
5
R/W
CI0_OBE_EN
Enable the CI0_OBE flag to assert the IOM_INT
interrupt condition.
0
−
6
R/W
CI1_IBF_EN
Enable the CI1_IBF flag to assert the IOM_INT
interrupt condition.
0
−
7
R/W
CI1_OBE_EN
Enable the CI1_OBE flag to assert the IOM_INT
interrupt condition.
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com