Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 110 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 106Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 107Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 108Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 109Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 110Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 111Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 112Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 113Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 136 page
background image
1996 Oct 29
110
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 94 Parallel Port Data Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 95 Parallel Port Data Direction Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 96 System Configuration Register (SYSCON)
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
BIT
R/W
SYMBOL
OPERATION
RST=0
RSTx=0(1)
0 to 5
R/W
PIO0_DATA to PIO5_DATA
PIO0 to PIO5 input or output data
0
−
BIT
R/W
SYMBOL
OPERATION
RST=0
RSTx=0(1)
0
R
PIO0_DDIR
reserved
0
−
1 to 5
R/W
PIO1_DDIR to PIO5_DDIR
A logic 1 selects the port as an output.
A logic 0 selects the port as an input.
0
−
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
W
CLK13M
Disable the CLK13M output pin.
0
−
1
W
CLK20M
Disable the CLK20M output pin.
0
−
2
W
CLK32K
Disable the CLK32K output pin; PCF5083-2B and
PCF5083-2C only.
0
−
CLK26M
Disable the CLK26M output pin; PCF5083-3A only.
0
−
3
W
DSP_CLK0
These two bits select the DSP core input clock.
0
−
4
W
DSP_CLK1
0
−
5
W
RS232_CLK
Select the external clock for the RS232 interface
0
−
6
R
LOCK
When a logic 1, the PLL is out of lock. When a logic 0,
the PLL is in lock.
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com