Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 106 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 102Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 103Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 104Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 105Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 106Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 107Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 108Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 109Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 136 page
background image
1996 Oct 29
106
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 86 High priority interrupt mask register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 87 Serial Interface Interrupt Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
RX_MASK
Enable the RX_INT flag to assert the HIPR_INT
interrupt line.
0
−
1
R/W
RXTX_MASK
Enable the RXTX_INT flag to assert the HIPR_INT
interrupt line.
0
−
2
R/W
TX_MASK
Enable the TX_INT flag to assert the HIPR_INT
interrupt line.
0
−
3
R/W
MON_MASK
Enable the MON_INT flag to assert the HIPR_INT
interrupt line.
0
−
4
R/W
AS_MASK
Enable the AS_INT flag to assert the HIPR_INT
interrupt line.
0
−
5
R/W
FRAME_MASK
Enable the FRAME_INT flag to assert the HIPR_INT
interrupt line.
0
−
6
R/W
PIRQN_MASK
Enable the PIRQN_INT flag to assert the HIPR_INT
interrupt line.
0
−
7
R/W
PORQN_MASK
Enable the PORQN_INT flag to assert the HIPR_INT
interrupt line.
0
−
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R
IMC_OBE
RF Bus IMC channel output buffer empty.
0
−
1
R
IMC_IBF
RF Bus IMC channel input buffer full.
0
−
2
R
TXD_OBE
RS232 interface output buffer empty.
0
−
3
R
RXD_IBF
RS232 interface input buffer full.
0
−
4
R
EXT_IOM
External IOM®-2 interface request.
0
−
5
R
PAR_ERR
RS232 interface parity error.
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com