Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 104Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 105Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 106Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 107Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 108Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 109Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 110Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 111Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 136 page
background image
1996 Oct 29
108
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 90 Audio Interface Configuration Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 91 IOM®-2 Interface Interrupt Flag Register
Notes
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
2. These flags change from ‘0’ to ‘1’ after the IOM®-2 interface was enabled with CLOCK_MODE = 0 and
MASTERx_EN = ‘0’ after the state machined of the monitor/CI master units are in an initial state.
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
TX_EN
Set to a logic 1 to enable the Voice Port transmit
section
0
−
1
R/W
TX_DEST
Select Voice Port transmit section data port
0
−
2
R/W
RX_EN
Set to a logic 1 to enable the Voice Port receive section
0
−
3
R/W
RX_SOURCE
Select Voice Port receive section data port
0
−
4
R/W
TX_SLOT0
Select IOM®-2 timeslot for the Voice Port transmit
section
0
−
5
R/W
TX_SLOT1
0
−
6
R/W
TX_SLOT2
0
−
7
R/W
TX_SLOT3
0
−
8
R/W
RX_SLOT0
Select IOM®-2 timeslot for the Voice Port receive
section
0
−
9
R/W
RX_SLOT1
0
−
10
R/W
RX_SLOT2
0
−
11
R/W
RX_SLOT3
0
−
12
R/W
TRANS_EN
Set to a logic 1 to enable the Voice Port transparent
mode
0
−
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R
MON0_IBF
Monitor master 0 input buffer full
0
−
1
R
MON0_OBE(2)
Monitor master 0 output buffer empty
0(1)
−
2
R
MON1_IBF
Monitor master 1 input buffer full
0
−
3
R
MON1_OBE(2)
Monitor master 1 output buffer empty
0(1)
−
4
R
CI0_IBF
C/I channel master 0 input buffer full
0
−
5
R
CI0_OBE(2)
C/I channel master 0 output buffer empty
0(1)
−
6
R
CI1_IBF
C/I channel master 1 input buffer full
0
−
7
R
CI1_OBE(2)
C/I channel master 1 output buffer empty
0(1)
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com