Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 113 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 109Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 110Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 111Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 112Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 113Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 114Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 115Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 116Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 143 page
background image
Table 60. QuadSPI Octal 3.3V DDR 120MHz (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tCH_SCK_DQS
SCK / DQS high
time 1
3.75
—
—
ns
—
—
tOD_DATA
Data output delay
(w.r.t. SCK)
0.816
—
2.934
ns
—
—
tOD_CS
CS output delay
(w.r.t. SCK)
3.016
—
-0.766
ns
—
—
tDVW
Input data valid
window 1
2.518
—
—
ns
—
—
tISU_DQS
Input setup time
(w.r.t. DQS) 1
-0.616
—
—
ns
—
—
tIH_DQS
Input hold time (w.r.t.
DQS) 1
3.134
—
—
ns
—
—
1. Input timing assumes an input signal transition of 1 ns (20%/80%). DQS denotes external strobe provided by the Flash.
12.9.5 QuadSPI Quad 3.3V SDR 125MHz
The following table applies only to S32K388.
The following table describes the QuadSPI electrical characteristics. Measurements are with maximum output load of 25pF, input
transition of 1ns and pads configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97V to 3.63V. QuadSPI
trace length should be less than or equal to 2 inches. For Single and Dual IO modes of operation if external device doesn’t have
pull-up feature, then external pull-up must be added at board level for unused device pins. With external pull-up, performance
of the interface may degrade in Quad IO mode based on load associated with external pull-up. QuadSPI support delay chain
upto length 16, wherein delay length of low-frequency segment is 16 and length of high-frequency segment is 0. See the device
Reference Manual for register and bit descriptions. Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Data transitions measured at 30%/70% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply.
Table 61. QuadSPI Quad 3.3V SDR 125MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK
SCK clock
frequency 1
—
—
125
MHz
—
—
tCL_SCK
SCK clock low time 1 3.6
—
—
ns
—
—
tCH_SCK
SCK clock high
time 1
3.6
—
—
ns
—
—
tOD_DATA
Data output delay
(w.r.t. SCK)
-1.294
—
1.844
ns
—
—
tOD_CS
CS output delay
(w.r.t. SCK) 2
3.391 - n/
fSCK
—
3.829 +
m/fSCK
ns
—
—
tDVW
Input data valid
window 1
4.724
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
113 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com