Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 114 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 110Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 111Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 112Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 113Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 114Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 115Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 116Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 117Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 143 page
background image
Table 61. QuadSPI Quad 3.3V SDR 125MHz (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tISU_SCK
Input setup time
(w.r.t. SCK) 1
1.580
—
—
ns
—
—
tIH_SCK
Input hold time (w.r.t.
SCK) 1
1.5
—
—
ns
—
—
1. Input timing assumes maximum input signal transition of 1ns (20%/80%).
2. Where m=TCSS and n=TCSH-1.
12.10 uSDHC
12.10.1 uSDHC SDR electrical specifications
The following table describes the uSDHC electrical characteristics. Measurements are with maximum output load of
25pF, input transition of 1ns (20%/80%) and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from
2.97 V to 3.63 V. Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Data transitions measured at 25%/62.5% at 3.3V for the write path. Data transitions measured at mid-supply for the read path.
Clock transitions measured at mid-supply.
Table 62. uSDHC SDR electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fpp
Clock frequency (low
speed) 1
—
—
400
kHz
—
SD1
fpp
Clock frequency
(eMMC4.4/4.41
SDR, SD3.0
SDR) 1,2
—
—
50
MHz
Medium/Fast Pad
SD1
fpp
Clock frequency
(eMMC4.4/4.41
SDR, SD3.0
SDR) 1,3
—
—
25
MHz
Standard plus/Medium
pad
SD1
fOD
Clock frequency
(identification
mode) 1
100
—
400
kHz
—
SD1
tWL
Clock low time
6
—
—
ns
Medium/Fast pad
SD2
tWL
Clock low time
12
—
—
ns
Standard plus/Medium
pad
SD2
tWH
Clock high time
6
—
—
ns
Medium/Fast pad
SD3
tWH
Clock high time
12
—
—
ns
Standard plus/Medium
pad
SD3
tTLH
Clock rise time 1,4
—
—
4
ns
Medium/Fast pad
SD4
tTLH
Clock rise time 1,4
—
—
8
ns
Standard plus/Medium
pad
SD4
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
114 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com