Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 117 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 113Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 114Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 115Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 116Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 117Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 118Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 119Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 120Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 143 page
background image
SDx_CLK
Output from eSDHCv3 to card
SDx_DATA[7:0]
Input from card to eSDHCv3
SDx_DATA[7:0]
SD2
SD3
SD4
SD2
.......
.......
SD1
Figure 61. SD/eMMC4.4/4.41 DDR50 Mode Interface Timing
12.11 LPUART specifications
See I/O parameters for LPUART specifications.
13 Debug modules
13.1 Debug trace timing specifications
The following table describes the Debug trace electrical characteristics. Measurements are with maximum output load of 25pF,
input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 64. Debug trace timing specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fTRACE
Trace clock
frequency (trace on
Fast pads)
—
—
120
MHz
Applies to all
K3xx variants except
S32K388
—
fTRACE
Trace clock
frequency (trace on
Fast pads)
—
—
125
MHz
Applies to S32K388
—
fTRACE
Trace clock
frequency (trace on
StandardPlus pads)
—
—
25
MHz
—
—
tDVW
Data output valid
window
1.2
—
—
ns
—
—
tDIV
Data output invalid
0.3
—
—
ns
—
—
NXP Semiconductors
Debug modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
117 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com