Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 3Page - OSRAM GmbH TMD2621 Datasheet HTML 4Page - OSRAM GmbH TMD2621 Datasheet HTML 5Page - OSRAM GmbH TMD2621 Datasheet HTML 6Page - OSRAM GmbH TMD2621 Datasheet HTML 7Page - OSRAM GmbH TMD2621 Datasheet HTML 8Page - OSRAM GmbH TMD2621 Datasheet HTML 9Page - OSRAM GmbH TMD2621 Datasheet HTML 10Page - OSRAM GmbH TMD2621 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Page 6
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Optical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (statistical
Quality Control) methods. Device parameters are guaranteed
with VDD18=1.8V, VDD3=3.0V and TA=25°C unless otherwise
noted.
Figure 8:
Proximity Optical Characteristics
Note(s):
1. Representative result by lab characterization with VDD3 = 3.3V.
2. Optically trimmed at factory final test.
3. Response with no target varies with power supply characteristics and system noise.
4. Production tested results is the standard deviation of 10 readings divided by the average response.
Parameter
Conditions
Min
Typ
Max
Unit
Response: Absolute (1)
PTIME =528μs
PGAIN =2x; PGAIN2 =2.5x
PLDRIVE0 =10mA
PPULSE =1pulse
PPULSE_LEN =45μs
PROX_DATA_AVG =8
BINSRCH_TARGET =15
APC = Disabled
ORE = Disabled
Electrical Calibration
No glass above module
Target Material: 18% reflective surface
Target Size: 100mm x 100mm
Target Distance: 30mm
854
counts
Part to Part Variation (2)
Same as Response: Absolute except the
target is 2 inch diameter broadband diffusor
with target distance of 85.75mm
±25
%
Response: No Target (3)
Same as Response: Absolute except no
target
14
counts
Noise/Signal (4)
Same as Response: Absolute except the
target is 2 inch diameter broadband diffusor
with target distance of 85.75mm
0.115
2
%
Optical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com