Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 33Page - OSRAM GmbH TMD2621 Datasheet HTML 34Page - OSRAM GmbH TMD2621 Datasheet HTML 35Page - OSRAM GmbH TMD2621 Datasheet HTML 36Page - OSRAM GmbH TMD2621 Datasheet HTML 37Page - OSRAM GmbH TMD2621 Datasheet HTML 38Page - OSRAM GmbH TMD2621 Datasheet HTML 39Page - OSRAM GmbH TMD2621 Datasheet HTML 40Page - OSRAM GmbH TMD2621 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
Page 36
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Register O ver view
CALIB_OFFSET Register (Address 0xD8)
Figure 50:
CALIB_OFFSET Register
For applications with high optical proximity crosstalk (the
emitted IR optical signal appears at the IR sensor), the offset
range can be extended in discrete steps. To determine the best
range extension step for the application, a proximity calibration
cycle is initiated and the resulting proximity offset is captured
in the POFFSET /POFFSET_SIGN registers.
Addr: 0xD8
CALIB_OFFSET
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
EN_AUTO_
ORE_CAL
0RW
Setting this bit to a 1 enables automatic calculation for
PRX_OFFSET_RANGE_EXTENSION during proximity
calibration.
When the bit is 0, the automatic calculation is
disabled, and the PRX_OFFSET_RANGE_EXTENSION
value has to be provided by users.
5
EN_PRX_
OFFSET_
RANGE_
EXTENSION
0RW
Setting this bit to a 1 enables the proximity offset
range extension functionality. See the PRX_OFFSET_
RANGE_EXTENSION bits. If this bit is set to 0, the offset
range extension is disabled.
4:0
PRX_OFFSET_
RANGE_
EXTENSION
00000
RW
Offset range extension selection.
For PGAIN2 = 2.5x, all 5 bits are used.
For PGAIN2 = 5x, the LSB is ignored.
For PGAIN2 = 10x, 2 LSBs are ignored.
Value
Selection
0 (00000)
Nominal
1 (00001)
Nominal + 1 Step
2 (00010)
Nominal + 2 Steps
3 (00011)
Nominal + 3 Steps
Nominal + (Value) Steps
31 (11111)
Nominal + 31 Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com