Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 16Page - OSRAM GmbH TMD2621 Datasheet HTML 17Page - OSRAM GmbH TMD2621 Datasheet HTML 18Page - OSRAM GmbH TMD2621 Datasheet HTML 19Page - OSRAM GmbH TMD2621 Datasheet HTML 20Page - OSRAM GmbH TMD2621 Datasheet HTML 21Page - OSRAM GmbH TMD2621 Datasheet HTML 22Page - OSRAM GmbH TMD2621 Datasheet HTML 23Page - OSRAM GmbH TMD2621 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
Datasheet, Public
Page 19
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
PERS Register (Address 0x8C)
Figure 26:
PERS Register
The frequency of consecutive proximity channel results outside
of threshold limits are counted; this count value is compared
against the PPERS value. If the counter is equal to the PPERS
value an interrupt is asserted. Any time a proximity channel
result is inside the threshold values the counter is cleared.
CFG0 Register (Address 0x8D)
Figure 27:
CFG0 Register
Addr: 0x8C
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
PPERS
0000
RW
This register sets the proximity persistence filter.
Value
Interrupt
0
Every proximity cycle
1
Any value outside proximity thresholds
2
2 consecutive proximity values out of range
3
3 consecutive proximity values out of range
…….
15
15 consecutive proximity values out of range
3:0
Reserved
0000
RW
Reserved. Must be set to default value.
Addr: 0x8D
CFG0
Bit
Bit Name
Default
Access
Bit Description
7
ENAB_16_
BIT_OP
0RW
Enables output of PDATA to be a 16-bit value when
APC is ON. See PDATA (0xF4 and 0xF5) for details.
6:4
Reserved
001
RW
Reserved. Must be set to default value.
3PWLONG
0
RW
When PWLONG (PROX Wait Long) is asserted the wait
period as set by PWTIME is increased by a factor of 12.
2:0
Reserved
000
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com