Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 35Page - OSRAM GmbH TMD2621 Datasheet HTML 36Page - OSRAM GmbH TMD2621 Datasheet HTML 37Page - OSRAM GmbH TMD2621 Datasheet HTML 38Page - OSRAM GmbH TMD2621 Datasheet HTML 39Page - OSRAM GmbH TMD2621 Datasheet HTML 40Page - OSRAM GmbH TMD2621 Datasheet HTML 41Page - OSRAM GmbH TMD2621 Datasheet HTML 42Page - OSRAM GmbH TMD2621 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Page 38
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Register O ver view
BINSRCH_TARGET setting of 2 causes the PDATA value will be
approximately 15 counts. This feature is useful because it forces
PDATA result to always be above zero.
The PROX_DATA_AVG field sets the number of ADC samples that
are averaged. Each ADC sample causes the programmed
number of proximity pulses to be transmitted. Once all samples
have been completed and the average is calculated, the
proximity state machine will then pass this value either directly
to PDATA.
PCFG4 Register (Address 0xDA)
Figure 52:
PCFG4 Register
CALIBSTAT Register (Address 0xDC)
Figure 53:
CALIBSTAT Register
Addr: 0xDA
PCFG4
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0
RW
Reserved. Must be set to default value.
0
PROX_CAL_
VSYNC_EN
0RW
The bit enables proximity calibration synchronized to
the VSYNC signal with PSD delay. The proximity
calibration consists of 9 measurement cycles.
If the bit is set to 1, every cycle of the 9 measurement
cycles are synchronized to the VSYNC signal with PSD
delay.
If the bit is set to 0 and PVSYNC_EN is 1, only the first
measurement cycle is synchronized to the VSYNC
signal with PSD delay, the successive measurement
cycles run immediately after the first measurement
cycle.
If the bit is set to 0 and PVSYNC_EN is 0, all 9
measurement cycles of the proximity calibration run
immediately pulse burst irrespective of VSYNC signal.
Addr: 0xDC
CALIBSTAT
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
R
Reserved. Must be set to default value.
2
OFFSET_
ADJUSTED
0R
Bit is set when the proximity offset has been
automatically decremented if PROX_AUTO_
OFFSET_ADJ = 1 (see CALIBCFG register). This
bit can be cleared by writing 1 to it or setting
PROX_AUTO_OFFSET_ADJ to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com