Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 11Page - OSRAM GmbH TMD2621 Datasheet HTML 12Page - OSRAM GmbH TMD2621 Datasheet HTML 13Page - OSRAM GmbH TMD2621 Datasheet HTML 14Page - OSRAM GmbH TMD2621 Datasheet HTML 15Page - OSRAM GmbH TMD2621 Datasheet HTML 16Page - OSRAM GmbH TMD2621 Datasheet HTML 17Page - OSRAM GmbH TMD2621 Datasheet HTML 18Page - OSRAM GmbH TMD2621 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
Page 14
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Register O ver view
Note(s):
1. R = Read Only; WO = Write Only; RW = Read or Write; SC = Self Clearing after access.
0x9E
EYE_SAFETY_CFG
RW
Eye safety configuration
0x40
0x9F
EYE_SAFETY_STATUS
R
Eye safety status
0x00
0xA0
STATUS
R, SC
Device status
0x00
0xA1
STATUS_2
R, SC
Device status two
0xC0
0xA7
CFG2
RW
Configuration two
0x43
0xA8
RESET
RW
RESET
0x00
0xAB
CFG3
RW
Configuration three
0x41
0xAE
CFG6
RW
Configuration six
0x76
0xB1
VSYNC_CFG
RW
VSYNC configuration
0x00
0xB2
VSYNC_PRD_L
RW
VSYNC period low data
0x00
0xB3
VSYNC_PRD_H
RW
VSYNC period high data
0x00
0xC0
POFFSET
RW
POFFSET data
0x00
0xC1
POFFSET_SIGN
RW
POFFSET sign
0x00
0xD7
CALIB
RW
Proximity offset calibration
0x00
0xD8
CALIB_OFFSET
RW
Proximity offset extension
0x00
0xD9
CALIBCFG
RW
Proximity offset calibration control
0x50
0xDA
PCFG4
RW
Proximity configuration four
0x00
0xDC
CALIBSTAT
R
Proximity offset calibration status
0x00
0xDD
INTENAB
RW
Interrupt enables
0x00
0xDE
INTENAB_2
RW
Interrupt enables two
0x00
0xEA
PSD_L
RW
Proximity start delay low data
0x00
0xEB
PSD_H
RW
Proximity start delay high data
0x00
0xEC
PWTIME
RW
Proximity wait time
0x00
0xF4
PDATA_L
R
Proximity low data
0x00
0xF5
PDATA_H
R
Proximity high data
0x00
0xF6
TDATA_L
R
Temperature low data
0x00
0xF7
TDATA_H
R
Temperature high data
0x00
Address
Register Name
Type
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com