Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 19Page - OSRAM GmbH TMD2621 Datasheet HTML 20Page - OSRAM GmbH TMD2621 Datasheet HTML 21Page - OSRAM GmbH TMD2621 Datasheet HTML 22Page - OSRAM GmbH TMD2621 Datasheet HTML 23Page - OSRAM GmbH TMD2621 Datasheet HTML 24Page - OSRAM GmbH TMD2621 Datasheet HTML 25Page - OSRAM GmbH TMD2621 Datasheet HTML 26Page - OSRAM GmbH TMD2621 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Page 22
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Register O ver view
PCFG2 Register (Address 0x90)
Figure 30:
PCFG2 Register
The PPULSE_LEN, PPULSE and PROX_DATA_AVG together
define the VCSEL emitting time within one proximity
measurement cycle. The VCSEL works in pulse mode and the
working duty cycle needs to be configured less than 5%. The
calculation formula for duty cycle is shown below:
Duty Cycle = {(PPULSE_LEN+2)*(PPULSE+1)*(2^PROX_DATA_
AVG)} / T_PROX, where the T_PROX is proximity measurement
repetition cycle, which is the time length in which the proximity
measurement occurs once and updates the PDATA results.
REVID Register (Address 0x91)
Figure 31:
REVID Register
Addr: 0x90
PCFG2
Bit
Bit Name
Default
Access
Bit Description
7:0
PPULSE_LENL
0x20
RW
These bits are the 8 least significant bits of the 10-bit
Pulse Length control setting. The upper 2 bits are in
the PCFG1 register. See the PCFG1 register for details.
Pulse Length needs to be greater than 16μs.
Value
Pulse Length
14 (0000001110)
16μs
15 (0000001111)
17μs
Pulse Length = (PPULSE_LEN + 2)μs
1023 (1111111111)
1025μs
Addr: 0x91
REVID
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
R
Reserved
4:3
FUNC_ID
10
R
Device function identification
2:0
REV_ID
001
R
Device revision number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com