Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 36Page - OSRAM GmbH TMD2621 Datasheet HTML 37Page - OSRAM GmbH TMD2621 Datasheet HTML 38Page - OSRAM GmbH TMD2621 Datasheet HTML 39Page - OSRAM GmbH TMD2621 Datasheet HTML 40Page - OSRAM GmbH TMD2621 Datasheet HTML 41Page - OSRAM GmbH TMD2621 Datasheet HTML 42Page - OSRAM GmbH TMD2621 Datasheet HTML 43Page - OSRAM GmbH TMD2621 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Datasheet, Public
Page 39
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
INTENAB Register (Address 0xDD)
Figure 54:
INTENAB Register
INTENAB_2 Register (Address 0xDE)
Figure 55:
INTENAB_2 Register
1
Reserved
0
R
Reserved. Must be set to default value.
0
CALIB_FINISHED
0
R
This flag indicates that calibration has
finished. This bit is a copy of the CINT bit in the
STATUS register. It will be cleared when the
CINT bit is cleared.
Addr: 0xDD
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
PSIEN
0
RW
Proximity Saturation Interrupt Enable.
5
PIEN
0
RW
Proximity Interrupt Enable.
4
Reserved
0
RW
Reserved. Must be set to default value.
3
CIEN
0
RW
Calibration Interrupt Enable.
2
ZIEN
0
RW
Zero Detect Interrupt Enable.
1
HYS_PIEN
0
RW
1 = Enables hysteresis based proximity interrupt;
0 = Enables level based proximity interrupt.
0
VSIEN
0
RW
VSYNC related interrupt enable.
Addr: 0xDE
INTENAB_2
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
RW
Reserved. Must be set to default value.
4
ESIEN
0
RW
Eye safety failure interrupt enable.
3:2
Reserved
00
RW
Reserved. Must be set to default value.
1
PWIEN
0
RW
PWTIME completion interrupt enable.
0
Reserved
0
RW
Reserved. Must be set to default value.
Addr: 0xDC
CALIBSTAT
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com