Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 38Page - OSRAM GmbH TMD2621 Datasheet HTML 39Page - OSRAM GmbH TMD2621 Datasheet HTML 40Page - OSRAM GmbH TMD2621 Datasheet HTML 41Page - OSRAM GmbH TMD2621 Datasheet HTML 42Page - OSRAM GmbH TMD2621 Datasheet HTML 43Page - OSRAM GmbH TMD2621 Datasheet HTML 44Page - OSRAM GmbH TMD2621 Datasheet HTML 45Page - OSRAM GmbH TMD2621 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Datasheet, Public
Page 41
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
PWTIME Register (Address 0xEC)
Figure 58:
PWTIME Register
The PWTIME is implemented using a down counter and starts
counting from very beginning of every proximity measurement
cycle including the initialization time. If enabled, PWTIME needs
to be programmed greater than proximity measurement time,
otherwise it's ignored.
PWTIME =Wait Cycles x2.779ms.
If PWLONG is enabled, then PWTIME =Wait Cycles x2.779ms x12.
Note that PWTIME is ignored if MODE_CFG (CFG3 (0xAB),
bit[6:5])=00b.
PDATA_L Register (Address 0xF4)
Figure 59:
PDATA_L Register
Addr: 0xEC
PWTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
PWTIME
0x00
RW
Value that specifies the proximity wait time in 2.779ms
increments.
Value
Wait Cycles
Wait Time
0x00
1
2.779ms (33.346ms)
0x01
2
5.558ms (66.692ms)
0x02
3
8.336ms (100.038ms)
……
…
0x1F
32
88.923ms (1.067s)
……
…
0xFF
256
711.381ms (8.537s)
Addr: 0xF4
PDATA_L
Bit
Bit Name
Default
Access
Bit Description
7:0
PDATA_L
0x00
R
If APC is enabled, this register contains the low byte of
the 14-bit proximity data.
If APC is disabled, this register contains the upper 8
most significant bits of the 10-bit proximity data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com