Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 10Page - OSRAM GmbH TMD2621 Datasheet HTML 11Page - OSRAM GmbH TMD2621 Datasheet HTML 12Page - OSRAM GmbH TMD2621 Datasheet HTML 13Page - OSRAM GmbH TMD2621 Datasheet HTML 14Page - OSRAM GmbH TMD2621 Datasheet HTML 15Page - OSRAM GmbH TMD2621 Datasheet HTML 16Page - OSRAM GmbH TMD2621 Datasheet HTML 17Page - OSRAM GmbH TMD2621 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Datasheet, Public
Page 13
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide device
control functions and are read to determine device status and
acquire device data.
Register Map
The register set is summarized in Register Map. The values of all
registers and fields that are listed as reserved or are not listed
must not be changed at any time. The power-on reset values of
each bit are indicated in these columns. Two-byte fields are
always latched with the low byte followed by the high byte.
Figure 14:
Register Map
Address
Register Name
Type
Description
Reset
0x07
LOTL
RLot ID low byte
0x00
0x08
LOTH
R
Lot ID high byte
0x00
0x09
SNL
R
Serial number low byte
0x00
0x0A
SNH
R
Serial number high byte
0x00
0x1A
IPTAT
RW
IPTAT code
0x07
0x80
ENABLE
RW
Enables device states
0x00
0x82
PTIME
RW
Proximity time
0x1F
0x88
PILTL
RW
Proximity interrupt low threshold low byte
0x00
0x89
PILTH
RW
Proximity interrupt low threshold high byte
0x00
0x8A
PIHTL
RW
Proximity interrupt high threshold low byte
0x00
0x8B
PIHTH
RW
Proximity interrupt high threshold high byte
0x00
0x8C
PERS
RW
Proximity interrupt persistence filters
0x00
0x8D
CFG0
RW
Configuration zero
0x10
0x8E
PCFG0
RW
Proximity configuration zero
0x43
0x8F
PCFG1
RW
Proximity configuration one
0x00
0x90
PCFG2
RW
Proximity configuration two
0x20
0x91
REVID
R
Revision ID
0x11
0x92
ID
RDevice ID
0x82
0x93
REVID2
R
Auxiliary ID
0x05
0x94
CFG1
RW
Configuration one
0x00
0x9A
LDR0_CFG
RW
Proximity LDR0 drive strength configuration
0x52
Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com