Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 34Page - OSRAM GmbH TMD2621 Datasheet HTML 35Page - OSRAM GmbH TMD2621 Datasheet HTML 36Page - OSRAM GmbH TMD2621 Datasheet HTML 37Page - OSRAM GmbH TMD2621 Datasheet HTML 38Page - OSRAM GmbH TMD2621 Datasheet HTML 39Page - OSRAM GmbH TMD2621 Datasheet HTML 40Page - OSRAM GmbH TMD2621 Datasheet HTML 41Page - OSRAM GmbH TMD2621 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Datasheet, Public
Page 37
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
CALIBCFG Register (Address 0xD9)
Figure 51:
CALIBCFG Register
The BINSRCH_TARGET field is used by the calibration feature to
set the baseline value for PDATA when no target is present. For
example, calibration of a device in open air, with no target, and
Addr: 0xD9
CALIBCFG
Bit
Bit Name
Default
Access
Bit Description
7:5
BINSRCH_
TARGET
010
RW
Proximity offset calibration result target.
Value
PDATA Target
0 (000)
3
1 (001)
7
2 (010)
15
3 (011)
31
4 (100)
63
5 (101)
127
6 (110)
255
7 (111)
511
4
Reserved
1
RW
Reserved. Must be set to default value.
3
PROX_AUTO_
OFFSET_
ADJUST
0RW
If set, then in proximity mode, whenever an ADC
measurement yield zero, the pertinent offset register will
be decreased. Will set the OFFSET_ADJUSTED flag if it
happened. Note that if a diode is disabled, this
mechanism is disabled as well.
2:0
PROX_DATA_
AVG
0
(000)
RW
PROX_DATA_AVG defines the number of ADC samples
collected and hardware averaged during a proximity
cycle.
Value
Sample Size
0 (000)
Disable
1 (001)
2
2 (010)
4
3 (011)
8
4 (100)
16
All other values
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com