Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 13Page - OSRAM GmbH TMD2621 Datasheet HTML 14Page - OSRAM GmbH TMD2621 Datasheet HTML 15Page - OSRAM GmbH TMD2621 Datasheet HTML 16Page - OSRAM GmbH TMD2621 Datasheet HTML 17Page - OSRAM GmbH TMD2621 Datasheet HTML 18Page - OSRAM GmbH TMD2621 Datasheet HTML 19Page - OSRAM GmbH TMD2621 Datasheet HTML 20Page - OSRAM GmbH TMD2621 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
Page 16
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Register O ver view
IPTAT Register (Address 0x1A)
Figure 19:
IPTAT Register
Enable Register (Address 0x80)
Figure 20:
ENABLE Register
Preset each applicable registers and its bits as per required
operation before activating PON. After PON is set, it is required
to wait 100μs settling time and then enable PEN. In order to
modify register configurations during operation, it is required
to set PEN=PON=0 firstly to avoid any unexpected behavior or
corrupted proximity results. Disabling PON resets the device
state machine, but all the register values will retain. After the
configuration change done, set the PON bit and wait 100μs
settling time, and then enable PEN to re-activate the
corresponding functionalities.
Addr: 0x1A
IPTAT
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
RW
Reserved. Must be set to default value.
4:0
IPTAT
00111
RW
The IPTAT value needs to be changed from its default
value to be “00011b” during device initialization.
Addr: 0x80
ENABLE
Bit
Bit Name
Default
Access
Bit Description
7PVSYNC_EN
0
RW
This bit enables proximity integration synced with
VSYNC.
6
Reserved
0
RW
Reserved. Must be set to default value.
5TEN
0
RW
This bit activates temperature measurement after every
proximity measurement.
4PWEN
0
RW
This bit activates the proximity wait feature which is set
by the PWTIME register. Active high.
3
Reserved
0
RW
Reserved. Must be set to default value.
2
PEN
0
RW
This bit activates the proximity detection. Active high.
1
Reserved
0
RW
Reserved. Must be set to default value.
0PON
0
RW
Power ON. This field activates the internal oscillator and
ADC channels. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com