Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 22Page - OSRAM GmbH TMD2621 Datasheet HTML 23Page - OSRAM GmbH TMD2621 Datasheet HTML 24Page - OSRAM GmbH TMD2621 Datasheet HTML 25Page - OSRAM GmbH TMD2621 Datasheet HTML 26Page - OSRAM GmbH TMD2621 Datasheet HTML 27Page - OSRAM GmbH TMD2621 Datasheet HTML 28Page - OSRAM GmbH TMD2621 Datasheet HTML 29Page - OSRAM GmbH TMD2621 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Datasheet, Public
Page 25
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
EYE_SAFETY_STATUS Register (Address 0x9F)
Figure 37:
EYE_SAFETY_STATUS Register
Addr: 0x9F
EYE_SAFETY_STATUS
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
0
R
Reserved. Must be set to default value.
4
EYE_SAFETY_WD_
STATUS_SYNCED
0R
When the flag is set, it indicates that the watchdog
has triggered.
When DISABLE_PROX_ON_WD_FAIL is set, the
PLDRIVER0 is disabled when this flag is set.
3:2
Reserved
0
R
Reserved. Must be set to default value.
1
PLDRIVE0_PAD_
SHORT_VSS_FAIL
0R
When the flag is set, it indicates that the VSS check
during eye safety check failed for PLDRIVER0. The
PLDRIVER0 is disabled (no pulses are sent) in case of
failure but the proximity timing is maintained.
When ESIEN is 1, an interrupt is generated in the
final state after PROX_DATA_AVG is complete.
The flag is cleared when PON is made 0. Writing a 1
to this field will clear the flag. To enable
clear-by-read function, INT_READ_CLEAR in the
register CFG3 must be set to 1.
0
PLDRIVER0_PAD_
SHORT_VDD_FAIL
0R
When the flag is set, it indicates that the VDD check
during eye safety check failed for PLDRIVER0. The
PLDRIVER0 is disabled (no pulses are sent) in case of
failure but the proximity timing is maintained.
When ESIEN is 1, an interrupt is generated in the
final state after PROX_DATA_AVG is complete.
The flag is cleared when PON is made 0. Writing a 1
to this field will clear the flag. To enable
clear-by-read function, INT_READ_CLEAR in the
register CFG3 must be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com