Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 24Page - OSRAM GmbH TMD2621 Datasheet HTML 25Page - OSRAM GmbH TMD2621 Datasheet HTML 26Page - OSRAM GmbH TMD2621 Datasheet HTML 27Page - OSRAM GmbH TMD2621 Datasheet HTML 28Page - OSRAM GmbH TMD2621 Datasheet HTML 29Page - OSRAM GmbH TMD2621 Datasheet HTML 30Page - OSRAM GmbH TMD2621 Datasheet HTML 31Page - OSRAM GmbH TMD2621 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
Datasheet, Public
Page 27
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
All flags with access type of RW, SC in STATUS and STATUS_2
registers can be cleared by setting the bit high. Alternatively, if
the INT_READ_CLEAR in the CFG3 register bit is set, then simply
reading this register automatically clears all flags.
CFG2 Register (Address 0xA7)
Figure 40:
CFG2 Register
5PWINT
0
RW, SC
This flag is set when PWTIME is completed if PWIEN =1.
This flag is set only in parallel/concurrent mode and only
when PWEN = 1.
4
Reserved
0
RW, SC
Reserved. Must be set to default value.
3
PSAT_1STG_AMB
0
RW, SC
This flag indicates proximity saturation is from first stage
of proximity engine due to ambient in subtraction
phase.
2
PSAT_1STG_
PULSE
0RW, SC
This flag indicates proximity saturation is from first stage
of proximity engine when VCSEL pulse is emitted.
1
VSYNC_LOST_INT
0
RW, SC
Interrupt when VSYNC watchdog timeout happens or
internal oscillator is stopped e.g PON=0. This interrupt
generated on event based.
0
VSYNC_CHG_INT
0
RW, SC
Interrupt when there is a change in VSYNC period.
Addr: 0xA7
CFG2
Bit
Bit Name
Default
Access
Bit Description
7:2
Reserved
0
RW
Reserved. Must be set to default value.
1
SKIP_IDAC_SAR
1
RW
If set, the IDAC_SAR is skipped.
0DISABLE_IDAC
1
RW
If set, the IDAC is disabled.
If SKIP_IDAC_SAR =DISABLE_IDAC =0, it enables the
IDAC to automatically remove most of the ambient IR
light to avoid a saturation caused by high ambient IR
components. The function runs before every PTIME,
and the time required is given by the formula: prox_
init_time =7 x (PPULSE_LEN +42.15μs).
Addr: 0xA1
STATUS_2
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com