Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 23Page - OSRAM GmbH TMD2621 Datasheet HTML 24Page - OSRAM GmbH TMD2621 Datasheet HTML 25Page - OSRAM GmbH TMD2621 Datasheet HTML 26Page - OSRAM GmbH TMD2621 Datasheet HTML 27Page - OSRAM GmbH TMD2621 Datasheet HTML 28Page - OSRAM GmbH TMD2621 Datasheet HTML 29Page - OSRAM GmbH TMD2621 Datasheet HTML 30Page - OSRAM GmbH TMD2621 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Page 26
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Register O ver view
STATUS Register (Address 0xA0)
Figure 38:
STATUS Register
STATUS_2 Register (Address 0xA1)
Figure 39:
STATUS_2 Register
Addr: 0xA0
STATUS
Bit
Bit Name
Default
Access
Bit Description
7
PINT_GRT_HTH
0
R, SC
Proximity interrupt is due to PDATA exceeds the high
threshold (PIHT). Clearing PINT flag will clear this flag
as well.
6
PINT_LES_LTH
0
R, SC
Proximity interrupt is due to PDATA exceeds the low
threshold (PILT). Clearing PINT flag will clear this flag
as well.
5
PSAT
0
RW, SC
Proximity saturation flag indicates that a PSAT_2STG
or AMBCOMP_LVL_SAT or PSAT_1STG_PULSE or
PSAT_1STG_AMB event occurred during a previous
proximity cycle.
4PINT
0
RW, SC
Proximity interrupt flag indicates that proximity
results have exceeded thresholds and persistence
settings.
3CINT
0
RW, SC
Calibration interrupt flag indicates that calibration
has completed.
2ZINT
0
RW, SC
Zero detection interrupt flag indicates that a zero
value in PDATA has caused the proximity offset to be
decremented (if PROX_AUTO_OFFSET_ADJUST = 1).
1
PSAT_2STG
0
RW, SC
Proximity saturation interrupt is from second stage of
proximity engine.
0
AMBCOMP_LVL_SAT
0
RW, SC
Proximity saturation interrupt is from ambcomp_lvl
comparator.
Addr: 0xA1
STATUS_2
Bit
Bit Name
Default
Access
Bit Description
7
VSYNC_LOST
1
R, SC
This flag indicates that VSYNC is not present.
6
POWER_ON_
RESET
1R, SC
This flag indicates that power on cycle has happened.
0 - No power on reset happened from last read;
1 - Power on reset happened from last read;
This flag is clear-by-read by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com