Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2621 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 26Page - OSRAM GmbH TMD2621 Datasheet HTML 27Page - OSRAM GmbH TMD2621 Datasheet HTML 28Page - OSRAM GmbH TMD2621 Datasheet HTML 29Page - OSRAM GmbH TMD2621 Datasheet HTML 30Page - OSRAM GmbH TMD2621 Datasheet HTML 31Page - OSRAM GmbH TMD2621 Datasheet HTML 32Page - OSRAM GmbH TMD2621 Datasheet HTML 33Page - OSRAM GmbH TMD2621 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Datasheet, Public
Page 29
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
CFG3 Register (Address 0xAB)
Figure 42:
CFG3 Register
Addr: 0xAB
CFG3
Bit
Bit Name
Default
Access
Bit Description
7INT_READ_CLEAR
0
RW
If set, the interrupt flag bits in the STATUS register
will be reset whenever the STATUS register is read
over I²C.
6:5
MODE_CFG
10
RW
SAI is only available when MODE_CFG = 00b.
4SAI
0
RW
The Sleep After Interrupt bit is used to place the
device into a low power mode at the end of the
proximity cycle if an interrupt has been generated.
SAI doesn't modify any register bits directly, it rather
uses the interrupt signal to turn off the oscillator.
The device will appear as if PON=0, however, PON
will read as 1. The way to wake up the device from
SAI-sleep is by clearing the interrupts in the status
registers. Note that SAI is only available when
MODE_CFG = 00b.
PON
SAI
INT (low
active)
Oscillator
0X
X
OFF
10
X
ON
11
1
ON
11
0
OFF
3:0
Reserved
0001
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com