Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 12Page - OSRAM GmbH TSL2580 Datasheet HTML 13Page - OSRAM GmbH TSL2580 Datasheet HTML 14Page - OSRAM GmbH TSL2580 Datasheet HTML 15Page - OSRAM GmbH TSL2580 Datasheet HTML 16Page - OSRAM GmbH TSL2580 Datasheet HTML 17Page - OSRAM GmbH TSL2580 Datasheet HTML 18Page - OSRAM GmbH TSL2580 Datasheet HTML 19Page - OSRAM GmbH TSL2580 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
ams Datasheet
Page 15
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581 − Principles Of Operation
When an I²C Write or I²C Read (Combined Format) is initiated,
the byte count is also ignored but follows the SMBus protocol
specification. Data bytes continue to be transferred from the
TSL2581 (I²C) device to Master until a NACK is sent by the Master.
The data formats supported by the TSL2580 and TSL2581
devices are:
• Master transmitter transmits to slave receiver (SMBus and
I²C):
• The transfer direction in this case is not changed.
• Master reads slave immediately after the first byte (SMBus
only):
• At the moment of the first acknowledgment
(provided by the slave receiver) the master
transmitter becomes a master receiver and the slave
receiver becomes a slave transmitter.
• Combined format (SMBus and I²C):
• During a change of direction within a transfer, the
master repeats both a START condition and the slave
address but with the R/W bit reversed. In this case, the
master receiver terminates the transfer by generating
a NACK on the last byte of the transfer and a STOP
condition.
For a complete description of SMBus protocols, please review
the SMBus Specification at:
http://www.smbus.org/specs
For a complete description of I²C protocols, please review the
I²C Specification at:
www.nxp.com
Figure 17:
SMBus and I²C Packet Protocol Element Key
Wr
7
Data Byte
Slave Address
S
1
AP
A
8
11
1
1
XX
A
Acknowledge (this bit position may be 0 for an ACK or 1 for a NACK)
P
Stop Condition
Rd
Read (bit value of 1)
S
Start Condition
Sr
Repeated Start Condition
Wr
Write (bit value of 0)
X
Shown under a field indicates that that field is required to have a value of X
...
Continuation of protocol
Master-to-Slave
Slave-to-Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com