Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 37Page - OSRAM GmbH TSL2580 Datasheet HTML 38Page - OSRAM GmbH TSL2580 Datasheet HTML 39Page - OSRAM GmbH TSL2580 Datasheet HTML 40Page - OSRAM GmbH TSL2580 Datasheet HTML 41Page - OSRAM GmbH TSL2580 Datasheet HTML 42Page - OSRAM GmbH TSL2580 Datasheet HTML 43Page - OSRAM GmbH TSL2580 Datasheet HTML 44Page - OSRAM GmbH TSL2580 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Mechanical Data
Figure 43:
Package CS — Six-Lead Chipscale Packaging Configuration
Note(s):
1. All linear dimensions are in micrometers. Dimension tolerance is ± 25
μm unless otherwise noted.
2. Solder bumps are formed of Sn (96.5%), Ag (3%), and Cu (0.5%).
3. The top of the photodiode active area is 410
μm below the top surface of the package.
4. The layer above the photodiode is glass and epoxy with an index of refraction of 1.53.
5. This drawing is subject to change without notice.
Mechanical Data
PACKAGE CS
Six-Lead Chipscale Device
1250
6
y 100
400
+ 50
700
+ 55
TYP 30
5
500
500
375
+ 30
500
375
+ 30
1750
TOP VIEW
SIDE VIEW
BOTTOM VIEW
END VIEW
6
y j 210 + 30
1
2
3
6
5
4
PIN OUT
BOTTOM VIEW
Lead Free
Pb
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com