Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 21Page - OSRAM GmbH TSL2580 Datasheet HTML 22Page - OSRAM GmbH TSL2580 Datasheet HTML 23Page - OSRAM GmbH TSL2580 Datasheet HTML 24Page - OSRAM GmbH TSL2580 Datasheet HTML 25Page - OSRAM GmbH TSL2580 Datasheet HTML 26Page - OSRAM GmbH TSL2580 Datasheet HTML 27Page - OSRAM GmbH TSL2580 Datasheet HTML 28Page - OSRAM GmbH TSL2580 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Register Set
Figure 30:
Interrupt Control Register
Note(s):
1. Use this bit to isolate a particular condition when the sensor is continuously integrating.
Figure 31:
Interrupt Control Select
Note(s):
1. Field value of 11 may be used to test interrupt connectivity in a system or to assist in debugging interrupt service routine software.
76
5
4
3
2
1
0
Resv
INTR_STOP
INTR
PERSIST
Field
Bits
Description
Resv
7
Reserved. Write as 0.
INTR_STOP
6
Stop ADC integration on interrupt. When high, ADC integration will stop
once an interrupt is asserted. To resume operation (1) de-assert ADC_EN
using CONTROL register, (2) clear interrupt using COMMAND register,
and (3) re-assert ADC_EN using CONTROL register. (1)
INTR
5:4
INTR Control Select. This field determines mode of interrupt logic
according to Figure 31, below.
PERSIST
3:0
Interrupt persistence. Controls rate of interrupts to the host processor as
shown in Figure 32, below.
Intr Field Value
Read Value
00
Interrupt output disabled
01
Level Interrupt
10
SMBAlert compliant
11
Test Mode: Sets interrupt and functions as mode 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com