Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 20Page - OSRAM GmbH TSL2580 Datasheet HTML 21Page - OSRAM GmbH TSL2580 Datasheet HTML 22Page - OSRAM GmbH TSL2580 Datasheet HTML 23Page - OSRAM GmbH TSL2580 Datasheet HTML 24Page - OSRAM GmbH TSL2580 Datasheet HTML 25Page - OSRAM GmbH TSL2580 Datasheet HTML 26Page - OSRAM GmbH TSL2580 Datasheet HTML 27Page - OSRAM GmbH TSL2580 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
ams Datasheet
Page 23
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581 − Register Set
Interrupt Register (02h)
The INTERRUPT register controls the extensive interrupt
capabilities of the device. The open-drain interrupt pin is active
low and requires a pull-up resistor to VDD in order to pull high
in the inactive state. The TSL258x permits both SMB-Alert style
interrupts as well as traditional level style interrupts. The
Interrupt Register provides control over when a meaningful
interrupt will occur. The concept of a meaningful change can
be defined by the user both in terms of light intensity and time,
or persistence of that change in intensity. The value must cross
the threshold (as configured in the Threshold Registers 03h
through 06h) and persist for some period of time as outlined in
Figure 30.
When a level Interrupt is selected, an interrupt is generated
whenever the last conversion results in a value outside of the
programmed threshold window. The interrupt is active-low and
remains asserted until cleared by writing an 11 in the
TRANSACTION field in the COMMAND register.
In SMB-Alert mode, the interrupt is similar to the traditional
level style and the interrupt line is asserted low. To clear the
interrupt, the host responds to the SMB-Alert by performing a
modified Receive Byte operation, in which the Alert Response
Address (ARA) is placed in the slave address field, and the
TSL258x that generated the interrupt responds by returning its
own address in the seven most significant bits of the receive
data byte. If more than one device connected on the bus has
pulled the SMBAlert line low, the highest priority (lowest
address) device will win control of the bus during the slave
address transfer. If the device loses this arbitration, the
interrupt will not be cleared. The Alert Response Address is 0Ch.
When INTR = 11, the interrupt is generated immediately
following the SMBus write operation. Operation then behaves
in an SMB-Alert mode, and the software set interrupt may be
cleared by an SMB-Alert cycle.
Note(s): Interrupts are based on the value of Channel 0 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com