Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 23Page - OSRAM GmbH TSL2580 Datasheet HTML 24Page - OSRAM GmbH TSL2580 Datasheet HTML 25Page - OSRAM GmbH TSL2580 Datasheet HTML 26Page - OSRAM GmbH TSL2580 Datasheet HTML 27Page - OSRAM GmbH TSL2580 Datasheet HTML 28Page - OSRAM GmbH TSL2580 Datasheet HTML 29Page - OSRAM GmbH TSL2580 Datasheet HTML 30Page - OSRAM GmbH TSL2580 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Register Set
Interrupt Threshold Register (03h - 06h)
The interrupt threshold registers store the values to be used as
the high and low trigger points for the comparison function for
interrupt generation. If the value generated by channel 0
crosses below or is equal to the low threshold specified, an
interrupt is asserted on the interrupt pin. If the value generated
by channel 0 crosses above the high threshold specified, an
interrupt is asserted on the interrupt pin. Registers THLLOW and
THLHIGH provide the low byte and high byte, respectively, of
the lower interrupt threshold. Registers THHLOW and THHHIGH
provide the low and high bytes, respectively, of the upper
interrupt threshold. The high and low bytes from each set of
registers are combined to form a 16-bit threshold value. The
interrupt threshold registers default to 00h on power up.
Figure 33:
Interrupt Threshold Register
Note(s):
1. Since two 8-bit values are combined for a single 16-bit value for each of the high and low interrupt thresholds, the Send Byte protocol
should not be used to write to these registers. Any values transferred by the Send Byte protocol with the MSB set would be interpreted
as the COMMAND field and stored as an address for subsequent read/write operations and not as the interrupt threshold information
as desired. The Write Word protocol should be used to write byte-paired registers. For example, the THLLOW and THLHIGH registers
(as well as the THHLOW and THHHIGH registers) can be written together to set the 16-bit ADC value in a single transaction.
Register
Address
Bits
Description
THLLOW
3h
7:0
ADC channel 0 lower byte of the low threshold
THLHIGH
4h
7:0
ADC channel 0 upper byte of the low threshold
THHLOW
5h
7:0
ADC channel 0 lower byte of the high threshold
THHHIGH
6h
7:0
ADC channel 0 upper byte of the high threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com