Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 42Page - OSRAM GmbH TSL2580 Datasheet HTML 43Page - OSRAM GmbH TSL2580 Datasheet HTML 44Page - OSRAM GmbH TSL2580 Datasheet HTML 45Page - OSRAM GmbH TSL2580 Datasheet HTML 46Page - OSRAM GmbH TSL2580 Datasheet HTML 47Page - OSRAM GmbH TSL2580 Datasheet HTML 48Page - OSRAM GmbH TSL2580 Datasheet HTML 49Page - OSRAM GmbH TSL2580 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
ams Datasheet
Page 45
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581 − Manufacturing Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package
molding compound. To ensure the package molding
compound contains the smallest amount of absorbed moisture
possible, each device is dry-baked prior to being packed for
shipping. Devices are packed in a sealed aluminized envelope
with silica gel to protect them from ambient moisture during
shipping, handling, and storage before use.
CS Package
The CS package has been assigned a moisture sensitivity level
of MSL 2 and the devices should be stored under the following
conditions:
• Temperature Range: 5ºC to 50ºC
• Relative Humidity: 60% maximum
• Floor Life: 1 year out of bag at ambient < 30°C / 60% RH
Rebaking will be required if the aluminized envelope has been
open for more than 1 year. If rebaking is required, it should be
done at 90ºC for 3 hours.
FN Package
The FN package has been assigned a moisture sensitivity level
of MSL 3 and the devices should be stored under the following
conditions:
• Temperature Range: 5ºC to 50ºC
• Relative Humidity: 60% maximum
• Total Time: 6 months from the date code on the
aluminized envelope — if unopened
• Opened Time: 168 hours or fewer
Rebaking will be required if the devices have been stored
unopened for more than 6 months or if the aluminized envelope
has been open for more than 168 hours. If rebaking is required,
it should be done at 90ºC for 4 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com