Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 35Page - OSRAM GmbH TSL2580 Datasheet HTML 36Page - OSRAM GmbH TSL2580 Datasheet HTML 37Page - OSRAM GmbH TSL2580 Datasheet HTML 38Page - OSRAM GmbH TSL2580 Datasheet HTML 39Page - OSRAM GmbH TSL2580 Datasheet HTML 40Page - OSRAM GmbH TSL2580 Datasheet HTML 41Page - OSRAM GmbH TSL2580 Datasheet HTML 42Page - OSRAM GmbH TSL2580 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Application Information: Hardware
Power Supply Decoupling and Application
Hardware Circuit
The power supply lines must be decoupled with a 0.1
μF
capacitor placed as close to the device package as possible
(Figure 40). The bypass capacitor should have low effective
series resistance (ESR) and low effective series inductance (ESI),
such as the common ceramic types, which provide a low
impedance path to ground at high frequencies to handle
transient currents caused by internal logic switching.
Figure 40:
Bus Pull-Up Resistors
Pull-up resistors (Rp) maintain the SDAH and SCLH lines at a
high level when the bus is free and ensure the signals are pulled
up from a low to a high level within the required rise time. For
a complete description of the SMBus maximum and minimum
Rp values, please review the SMBus Specification at:
http://www.smbus.org/specs.
For a complete description of I²C maximum and minimum Rp
values, please review the I²C Specification at:
www.nxp.com
A pull-up resistor (RPI) is also required for the interrupt (INT),
which functions as a wired-AND signal in a similar fashion to
the SCL and SDA lines. A typical impedance value between
10 k
Ω and 100 kΩ can be used. Please note that while Figure 40
shows INT being pulled up to VDD, the interrupt can optionally
be pulled up to VBUS.
Application Information:
Hardware
TSL2580/
TSL2581
VBUS
VDD
0.1
mF
RP
RP
SCL
SDA
RPI
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com