Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 38Page - OSRAM GmbH TSL2580 Datasheet HTML 39Page - OSRAM GmbH TSL2580 Datasheet HTML 40Page - OSRAM GmbH TSL2580 Datasheet HTML 41Page - OSRAM GmbH TSL2580 Datasheet HTML 42Page - OSRAM GmbH TSL2580 Datasheet HTML 43Page - OSRAM GmbH TSL2580 Datasheet HTML 44Page - OSRAM GmbH TSL2580 Datasheet HTML 45Page - OSRAM GmbH TSL2580 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
ams Datasheet
Page 41
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581 − Mechanical Data
Figure 44:
Package FN — Dual Flat No-Lead Packaging Configuration
Note(s):
1. All linear dimensions are in micrometers. Dimension tolerance is
±20 μm unless otherwise noted.
2. The photodiode active area is 466
μm square and its center is 140 μm above and 20μm to the right of the package center. The die
placement tolerance is ± 75
μm in any direction.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
PACKAGE FN
Dual Flat No-Lead
203
+ 8
6 SDA
5 INT
4 SCL
Vdd 1
ADDR SEL 2
GND 3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Lead Free
Pb
300
+ 50
650
2000
+ 75
2000
+ 75
PIN 1
PIN 1
END VIEW
650
+ 50
Seating Plane
PIN OUT
TOP VIEW
Photo-Active Area
750
+ 150
300
+ 50
650
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com