Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 17Page - OSRAM GmbH TSL2580 Datasheet HTML 18Page - OSRAM GmbH TSL2580 Datasheet HTML 19Page - OSRAM GmbH TSL2580 Datasheet HTML 20Page - OSRAM GmbH TSL2580 Datasheet HTML 21Page - OSRAM GmbH TSL2580 Datasheet HTML 22Page - OSRAM GmbH TSL2580 Datasheet HTML 23Page - OSRAM GmbH TSL2580 Datasheet HTML 24Page - OSRAM GmbH TSL2580 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Register Set
Note(s):
1. An I²C block transaction will continue until the Master sends a stop condition. See Figure 24 and Figure 25. Unlike the I²C protocol,
the SMBus read/write protocol requires a Byte Count. All four ADC Channel Registers (14h through 17h) can be read simultaneously
in a single SMBus transaction. This is the only 32-bit data block supported by the TSL258x SMBus protocol. The TRANSACTION Field
Value must be set to 10b, and a read condition should be initiated with a COMMAND CODE of D3h. By using a COMMAND CODE of
D3h during an SMBus Block Read Protocol, the TSL258x device will automatically insert the appropriate Byte Count (Byte Count =
4) as illustrated in Figure 25. A write condition should not be used in conjunction with the 13h register.
2. Only the Send Byte Protocol should be used when clearing interrupts.
ADDRESS
4:0
Register Address/Special Function. This field selects the specific control or status
register for following write and read commands according to Figure 26. When the
TRANSACTION field is set to 11b, this field specifies a special command function as
outlined below.
FIELD VALUE
SPECIAL
FUNCTION
DESCRIPTION
00000
Reserved
Reserved. Write as 0000b.
00001
Interrupt clear
Clear any pending interrupt and is a
write−once−to−clear bit
00010
Stop manual
integration
When the Timing Register is set to 00h, a
SendByte command with the ADDRESS
field set to 0010b will stop a manual
integration. The actual length of the
integration cycle may be read in the
MANUAL INTEGRATION TIMER Register.
00011
Start manual
integration
When the Timing Register is set to 00h, a
SendByte command with the ADDRESS
field set to 0011b will start a manual
integration. The actual length of the
integration cycle may be read in the
MANUAL INTEGRATION TIMER Register.
x11xx
Reserved
Reserved. Write as 11xxb.
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com