Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 19Page - OSRAM GmbH TSL2580 Datasheet HTML 20Page - OSRAM GmbH TSL2580 Datasheet HTML 21Page - OSRAM GmbH TSL2580 Datasheet HTML 22Page - OSRAM GmbH TSL2580 Datasheet HTML 23Page - OSRAM GmbH TSL2580 Datasheet HTML 24Page - OSRAM GmbH TSL2580 Datasheet HTML 25Page - OSRAM GmbH TSL2580 Datasheet HTML 26Page - OSRAM GmbH TSL2580 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Register Set
Timing Register (01h)
The TIMING register controls the internal integration time of the
ADC channels in 2.7 ms increments. The TIMING register
defaults to 00h at power on.
Figure 29:
Timing Register
Note(s):
1. The Send Byte protocol cannot be used when ITIME is greater than 127 (for example ITIME[7] = 1) since the upper bit is set aside for
write transactions in the COMMAND register.
76
5
4
3
2
1
0
ITIME
Field
Bits
Description
ITIME
7:0
Integration Cycles. Specifies the integration time in 2.7-ms intervals. Time is expressed
as a 2’s complement number. So, to quickly work out the correct value to write: (1)
determine the number of 2.7-ms intervals required, and (2) then take the 2’s
complement. For example, for a 1 × 2.7-ms interval, 0xFF should be written. For 2 ×
2.7-ms intervals, 0xFE should be written. The maximum integration time is 688.5 ms
(00000001b).
Writing a 0x00 to this register is a special case and indicates manual timing mode. See
CONTROL and MANUAL INTEGRATION TIMER Registers for other device options related
to manual integration.
INTEG_CYCLES
TIME
VALUE
−
Manual integration
00000000
1
2.7 ms
11111111
2
5.4 ms
11111110
19
51.3 ms
11101101
37
99.9 ms
11011011
74
199.8 ms
10110110
148
399.6 ms
01101100
255
688.5 ms
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com