Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 15Page - OSRAM GmbH TSL2580 Datasheet HTML 16Page - OSRAM GmbH TSL2580 Datasheet HTML 17Page - OSRAM GmbH TSL2580 Datasheet HTML 18Page - OSRAM GmbH TSL2580 Datasheet HTML 19Page - OSRAM GmbH TSL2580 Datasheet HTML 20Page - OSRAM GmbH TSL2580 Datasheet HTML 21Page - OSRAM GmbH TSL2580 Datasheet HTML 22Page - OSRAM GmbH TSL2580 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Register Set
The TSL258x is controlled and monitored by sixteen registers
and a command register accessed through the serial interface.
These registers provide for a variety of control functions and
can be read to determine results of the ADC conversions. The
register set is summarized in Figure 26.
Figure 26:
Register Address
The mechanics of accessing a specific register depends on the
specific SMB protocol used. See the section on SMBus protocols,
above. In general, the COMMAND register is written first to
specify the specific control/status register for following
read/write operations.
Address
Register Name
Register Function
R/W
−−
COMMAND
Specifies register address
W
00h
CONTROL
Control of basic functions
R/W
01h
TIMING
Integration time/gain control
02h
INTERRUPT
Interrupt control
03h
THLLOW
Low byte of low interrupt threshold
04h
THLHIGH
High byte of low interrupt threshold
05h
THLLOW
Low byte of high interrupt threshold
06h
THLHIGH
High byte of high interrupt threshold
07h
ANALOG
Analog control register
12h
ID
Part number / Rev ID
R
13h
CONSTANT
Number 4 (for SMBus block reads)
14h
DATA0LOW
ADC channel 0 LOW data register
15h
DATA0HIGH
ADC channel 0 HIGH data register
16h
DATA1LOW
ADC channel 1 LOW data register
17h
DATA1HIGH
ADC channel 1 HIGH data register
18h
TIMERLOW
Manual integration timer LOW register
19h
TIMERHIGH
Manual integration timer HIGH register
Register Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com