Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 16Page - OSRAM GmbH TSL2580 Datasheet HTML 17Page - OSRAM GmbH TSL2580 Datasheet HTML 18Page - OSRAM GmbH TSL2580 Datasheet HTML 19Page - OSRAM GmbH TSL2580 Datasheet HTML 20Page - OSRAM GmbH TSL2580 Datasheet HTML 21Page - OSRAM GmbH TSL2580 Datasheet HTML 22Page - OSRAM GmbH TSL2580 Datasheet HTML 23Page - OSRAM GmbH TSL2580 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
ams Datasheet
Page 19
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581 − Register Set
Command Register
The command register specifies the address of the target
register for subsequent read and write operations and contains
eight bits as described in Figure 27. The command register
defaults to 00h at power on.
Figure 27:
Command Register
76
5
4
3
2
1
0
CMD
TRANSACTION
ADDRESS
Field
Bits
Description
CMD
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TRANSACTION
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
TRANSACTION
DESCRIPTION
00
Byte protocol
SMB read/write byte protocol
01
Word protocol
SMB read/write word protocol
10
Block protocol
SMB and I²C read/write block protocol.
Regarding SMBus block transfer, see note
below.
11
Special function
Specifies a special command function in
the ADDRESS field (see below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com