Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 26Page - OSRAM GmbH TSL2580 Datasheet HTML 27Page - OSRAM GmbH TSL2580 Datasheet HTML 28Page - OSRAM GmbH TSL2580 Datasheet HTML 29Page - OSRAM GmbH TSL2580 Datasheet HTML 30Page - OSRAM GmbH TSL2580 Datasheet HTML 31Page - OSRAM GmbH TSL2580 Datasheet HTML 32Page - OSRAM GmbH TSL2580 Datasheet HTML 33Page - OSRAM GmbH TSL2580 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
ams Datasheet
Page 29
[v1-00] 2016-Apr-05
Document Feedback
TSL2580, TSL2581 − Register Set
The upper byte data registers can only be read following a read
to the corresponding lower byte register. When the lower byte
register is read, the upper eight bits are strobed into a shadow
register, which is read by a subsequent read to the upper byte.
The upper register will read the correct value even if additional
ADC integration cycles end between the reading of the lower
and upper registers.
Note(s): The Read Word protocol can be used to read
byte-paired registers. For example, the DATA0LOW and
DATA0HIGH registers (as well as the DATA1LOW and DATA1HIGH
registers) may be read together to obtain the 16-bit ADC value
in a single transaction
Manual Integration Timer (18h - 19h)
The MANUAL INTEGRATION TIMER registers provide the number
of cycles in 10.9
μs increments that occurred during a manual
start/stop integration period. The timer is expressed as a 16-bit
value across two registers. See Control Register (00h) and
Timing Register (01h) for further instructions in configuring a
manual integration. The maximum time that can be derived
without an overflow is 714.3 ms.
Figure 38:
Manual Integration Timer Registers
76
5
4
3
2
1
0
TIMER
Register
Address
Bits
Description
TIMERLOW
18h
7:0
Manual Integration Timer lower byte
TIMERHIGH
19h
7:0
Manual Integration Timer upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com