Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 25Page - OSRAM GmbH TSL2580 Datasheet HTML 26Page - OSRAM GmbH TSL2580 Datasheet HTML 27Page - OSRAM GmbH TSL2580 Datasheet HTML 28Page - OSRAM GmbH TSL2580 Datasheet HTML 29Page - OSRAM GmbH TSL2580 Datasheet HTML 30Page - OSRAM GmbH TSL2580 Datasheet HTML 31Page - OSRAM GmbH TSL2580 Datasheet HTML 32Page - OSRAM GmbH TSL2580 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Register Set
Constant (13h)
The CONSTANT register provides a means to facilitate SMBus
block transfers that is used as the Byte Count in the SMBus
protocol. For example, all four ADC Channel Data Registers can
be read in a single SMBus block transfer if an SMBus Block Read
is initiate at address 13h. This register defaults to the constant
4, but may be set to other values depending upon the end
application. For example, if manual integration is employed and
the register is set to 5, then all four ADC Channel Data Registers
and the Manual Integration Timer Register can be read in a
single SMBus read block transaction.
Figure 36:
Constant Register
ADC Channel Data Registers (14h - 17h)
The ADC channel data are expressed as 16-bit values spread
across two registers. The ADC channel 0 data registers,
DATA0LOW and DATA0HIGH provide the lower and upper bytes,
respectively, of the ADC value of channel 0. Registers
DATA1LOW and DATA1HIGH provide the lower and upper bytes,
respectively, of the ADC value of channel 1. All channel data
registers are read-only and default to 00h on power up.
Figure 37:
ADC Channel Data Registers
76
5
4
3
2
1
0
CONSTANT
Field
Bits
Description
CONSTANT
7:0
Constant value used as the byte count for SMBus block read/write transactions. I²C
protocol does not use the byte count field in the block transaction, so this register
should be ignored if an TSL2581 device is used.
Register
Address
Bits
Description
DATA0LOW
14h
7:0
ADC channel 0 lower byte
DATA0HIGH
15h
7:0
ADC channel 0 upper byte
DATA1LOW
16h
7:0
ADC channel 1 lower byte
DATA1HIGH
17h
7:0
ADC channel 1 upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com