Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2580 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 31Page - OSRAM GmbH TSL2580 Datasheet HTML 32Page - OSRAM GmbH TSL2580 Datasheet HTML 33Page - OSRAM GmbH TSL2580 Datasheet HTML 34Page - OSRAM GmbH TSL2580 Datasheet HTML 35Page - OSRAM GmbH TSL2580 Datasheet HTML 36Page - OSRAM GmbH TSL2580 Datasheet HTML 37Page - OSRAM GmbH TSL2580 Datasheet HTML 38Page - OSRAM GmbH TSL2580 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Application Information: Software
Simplified Lux Calculation
Below is the argument and return value including source code
(shown on following page) for calculating lux with the
TSL2581FN. The source code is intended for embedded and/or
microcontroller applications. All floating point arithmetic
operations have been eliminated since embedded controllers
and microcontrollers generally do not support these types of
operations. Because floating point has been removed, scaling
must be performed prior to calculating illuminance if the
integration time is not 400 msec and/or if the gain is not 1x as
denoted in the source code on the following pages
//****************************************************************************
//
// Copyright ams AG
//
// THIS CODE AND INFORMATION IS PROVIDED ”AS IS” WITHOUT WARRANTY OF ANY
// KIND, EITHER EXPRESSED OR IMPLIED, INCLUDING BUT NOT LIMITED TO THE
// IMPLIED WARRANTIES OF MERCHANTABILITY AND/OR FITNESS FOR A PARTICULAR
// PURPOSE.
//
// Module Name:
// lux.cpp
//
//****************************************************************************
#define LUX_SCALE 16 // scale by 2^16
#define RATIO_SCALE 9 // scale ratio by 2^9
//---------------------------------------------------
// Integration time scaling factors
//---------------------------------------------------
#define CH_SCALE 16 // scale channel values by 2^16
#define NOM_INTEG_CYCLE 148 // Nominal 400 ms integration. See Timing Register
//---------------------------------------------------
// Gain scaling factors
//---------------------------------------------------
#define CH0GAIN128X 107 // 128X gain scalar for Ch0
#define CH1GAIN128X 115 // 128X gain scalar for Ch1
//---------------------------------------------------
// FN Package coefficients
//---------------------------------------------------
// For Ch1/Ch0=0.00 to 0.30:
//Lux=0.130*Ch0-0.240*Ch1
// For Ch1/Ch0=0.30 to 0.38:
// Lux=0.1649*Ch0-0.3562*Ch1
//
// For Ch1/Ch0=0.38 to 0.45:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com