Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 104 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 100Page - STMicroelectronics STPMIC25APQR Datasheet HTML 101Page - STMicroelectronics STPMIC25APQR Datasheet HTML 102Page - STMicroelectronics STPMIC25APQR Datasheet HTML 103Page - STMicroelectronics STPMIC25APQR Datasheet HTML 104Page - STMicroelectronics STPMIC25APQR Datasheet HTML 105Page - STMicroelectronics STPMIC25APQR Datasheet HTML 106Page - STMicroelectronics STPMIC25APQR Datasheet HTML 107Page - STMicroelectronics STPMIC25APQR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 145 page
background image
6.5.17
REFDDR PWRCTRL control register (REFDDR_PWRCTRL_CR)
Table 70. REFDDR_PWRCTRL_CR
7
6
5
4
3
2
1
0
PWRCTRL_DLY_H[1:0]
PWRCTRL_DLY_L[1:0]
PWRCTRL_SEL[1:0]
PWRCTRL_RST
PWRCTRL_EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x66
•
Default: 0x00
•
Description: REFDDR PWRCTRL control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
allocate a PWRCTRL signal for controlling the REFDDR (see Section 5.4.6).
[7:6]
PWRCTRL_DLY_H[1:0]: REFDDR control/reset source shift delay from low to High level
00: no delay
01: 1.5 ms delay
10: 3 ms delay
11: 6 ms delay
[5:4]
PWRCTRL_DLY_L[1:0]: REFDDR control/reset source shift delay from high to Low level
00: no delay
01: 1.5 ms delay
10: 3 ms delay
11: 6 ms delay
[3:2]
PWRCTRL_SEL[1:0]: REFDDR control/reset PWRCTRL source selection
00: No control source
01: PWRCTRL1 control source
10: PWRCTRL2 control source
11: PWRCTRL3 control source
[1]
PWRCTRL_RST: REFDDR independent reset source enable
0: no effect
1: reset enable (when the selected PWRCTRL source is active, REFDDR is disabled, and REFDDR control registers
are reset to the default value. When the selected PWRCTRL source is inactive, REFDDR operates according to
REFDDR_MAIN_CR. See Table 27)
[0]
PWRCTRL_EN: REFDDR control source enable
0: disable (REFDDR operates according to REFDDR_MAIN_CR)
1: enable (REFDDR operates according to REFDDR_MAIN_CR or REFDDR_ALT_CR depending on the PWRCTRL
selected source. See Table 27)
STPMIC25
Register descriptions
DS14278 - Rev 3
page 104/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com