Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 117 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 113Page - STMicroelectronics STPMIC25APQR Datasheet HTML 114Page - STMicroelectronics STPMIC25APQR Datasheet HTML 115Page - STMicroelectronics STPMIC25APQR Datasheet HTML 116Page - STMicroelectronics STPMIC25APQR Datasheet HTML 117Page - STMicroelectronics STPMIC25APQR Datasheet HTML 118Page - STMicroelectronics STPMIC25APQR Datasheet HTML 119Page - STMicroelectronics STPMIC25APQR Datasheet HTML 120Page - STMicroelectronics STPMIC25APQR Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 145 page
background image
6.8.11
NVM BUCK mode shadow register 1 (NVM_BUCK_MODE_SHR1)
Table 91. NVM_BUCK_MODE_SHR1
7
6
5
4
3
2
1
0
BUCK4_PREG_MODE[1:0
BUCK3_PREG_MODE[1:0
BUCK2_PREG_MODE[1:0
BUCK1_PREG_MODE[1:0
R/W
R/W
R/W
R/W
•
Address: 0x9A
•
Default: Depends on the PMIC part number
•
Description: NVM BUCK mode shadow register 1 (see Section 5.2).
[7:6]
BUCK4_PREG_MODE[1:0]:
00: BUCK4 operates in high power mode (HP)
01: BUCK4 operates in low power mode (LP)
10: BUCK4 operates in forced PWM mode (CCM)
11: reserved
[5:4]
BUCK3_PREG_MODE[1:0]:
00: BUCK3 operates in high power mode (HP)
01: BUCK3 operates in low power mode (LP)
10: BUCK3 operates in forced PWM mode (CCM)
11: reserved
[3:2]
BUCK2_PREG_MODE[1:0]:
00: BUCK2 operates in high power mode (HP)
01: BUCK2 operates in low power mode (LP)
10: BUCK2 operates in forced PWM mode (CCM)
11: reserved
[1:0]
BUCK1_PREG_MODE[1:0]:
00: BUCK1 operates in high power mode (HP)
01: BUCK1 operates in low power mode (LP)
10: BUCK1 operates in forced PWM mode (CCM)
11: reserved
STPMIC25
Register descriptions
DS14278 - Rev 3
page 117/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com