Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 18 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 18 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 14Page - ELM Electronics ELM327P Datasheet HTML 15Page - ELM Electronics ELM327P Datasheet HTML 16Page - ELM Electronics ELM327P Datasheet HTML 17Page - ELM Electronics ELM327P Datasheet HTML 18Page - ELM Electronics ELM327P Datasheet HTML 19Page - ELM Electronics ELM327P Datasheet HTML 20Page - ELM Electronics ELM327P Datasheet HTML 21Page - ELM Electronics ELM327P Datasheet HTML 22Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
18 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Reading the Battery Voltage
Before proceding to the OBD Commands, we will
show an example of how to use an AT Command. We
will assume that you have built (or purchased) a circuit
which is similar to that of Figure 9 in the Example
Applications section. This circuit provides a connection
to read the vehicle’s battery voltage, which many will
find very useful.
If you look in the AT Command list, you will see
there is one command that is listed as RV [Read the
input Voltage]. This is the command which you will
need to use. First, be sure that the prompt character is
shown (that is the ‘>’ character), then simply enter ‘AT’
followed by RV, and press return (or enter):
>at rv
12.6V
>
Note that we did not use upper case characters in
this example, mostly out of laziness. The ELM327 will
accept upper case (AT RV) as well as lower case (at
rv) or any combination of these (At rV). It does not
matter to the ELM327. Also note that we have shown a
space character (‘ ’) between the ‘at’ and the ‘rv’. This
is only to separate the commands and make them
more readable. You do not have to add spaces, or if
you wish, you can add many spaces – it does not
affect the internal interpretation of the command.
As shipped from the factory, the ELM327 voltage
reading circuitry will typically be accurate to about 2%.
For many, this is all that is needed. Some people may
want to calibrate the circuitry for more accurate
readings, however, so we have provided a special
‘Calibrate Voltage’ command for this.
To change the internal calibration constants, you
will need to know the actual battery voltage to more
accuracy than the ELM327 shows. Many quality digital
multimeters can do this, but you should verify the
accuracy before making too many changes. Perhaps
in this case, you have connected your multimeter, and
find that it reads 12.47V, and you would like the
ELM327 to read the same. Simply calibrate it to that
voltage using the CV command:
>at cv 1247
OK
At this point, the internal calibration values have
been changed, and the ELM327 knows that the
voltage at the input is actually 12.47V. You should not
provide the decimal point in the CV value, as the IC
knows that it should be between the second and the
third digits. To verify that the changes have taken
place, simply read the voltage again:
>at rv
12.5V
>
The ELM327 always rounds off the measurement
to one decimal place, so the 12.47V actually appears
as 12.5V. Note that the second decimal place is
always maintained internally for accuracy and use in
the calculations, but it is never displayed.
The ELM327 can be calibrated with any reference
voltage that you have available, but note that the CV
command always expects to receive four characters
representing the voltage at the input. If you used a 9V
battery for your reference, and it is actually 9.32V, then
you must add a leading zero to that when calibrating
the IC:
>at cv 0932
OK
>
The other AT Commands are used in the same
manner. Simply type the letters A and T, follow that
with the command you want to send, then any
arguments that are required for that command, and
press return (or enter, depending on your keyboard).
You can place space characters as often as you wish
if it improves the readability for you, as they are
ignored by the ELM327.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com