Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 41 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 41 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 37Page - ELM Electronics ELM327P Datasheet HTML 38Page - ELM Electronics ELM327P Datasheet HTML 39Page - ELM Electronics ELM327P Datasheet HTML 40Page - ELM Electronics ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
41 of 51
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
Programmable Parameters (Cont’d)
Notes:
1. The “Type” column indicates when changes to the Programmable Parameter take effect. Possible values
are:
I - the effect is immediate,
D - takes effect after Defaults are restored (AT D, AT Z, AT WS or power off/on)
R - will only become apparent after a Reset (AT Z, AT WS or power off/on)
P - only takes effect after power off/on or AT Z.
2. These are changes since the last version of the IC.
29
Printing of the CAN data length (DLC) when printing header bytes
(see note 2)
D
FF
(OFF)
PP
Description
Values
Default
Type
2C
Protocol B (USER1) CAN protocol options.
2D
2E
80
(10000000)
2F
0A
(50 Kbps)
Protocol B (USER1) baud rate divisor. See PP 2B for a description.
00 to FF
E0
(11100000)
04
(125 Kbps)
01 to 40
00 to FF
Protocol C (USER2) CAN options. See PP 2C for a description.
Protocol C (USER2) baud rate divisor. See PP 2B for a description.
01 to 40
R
Each bit of this byte controls an option, as follows:
b7: Transmit ID Length, 0=29 bit ID, 1=11 bit ID
b6: Data Length, 0=fixed 8 byte, 1= Variable DLC
b5: Receive ID Length, 0=as set by b7, 1=both 11 bit and 29 bit
b4: reserved for future - leave set at 0
b3: reserved for future - leave set at 0.
b2, b1, and b0 determine the data formatting options, as follows:
b2
b1
b0
Data Format
0
0
0
none
0
0
1
ISO 15765-4
0
1
0
SAE J1939
Other combinations are reserved for future – results might be
unpredictable if you should select one of them.
Note that b7 is the msb, and b0 is the lsb. For example, the default
value of E0 can be shown as 11100000 in binary, which has b7, b6
and b5 set to 1’s. This means that by default, 11 bit IDs will be
sent, the data length will vary, and the ELM327 will receive
messages with either 11 or 29 bit IDs.
R
R
R
2B
Protocol A (SAE J1939) CAN baud rate divisor.
02
(250 Kbps)
01 to 40
The protocol A CAN baud rate is determined by this value (rate in
kbps = 500/value). For example, setting this PP to 19 (ie. decimal
25) provides a baud rate of 500/25 = 20 kbps.
R
00 = ON
FF = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com