Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 16 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 16 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 12Page - ELM Electronics ELM327P Datasheet HTML 13Page - ELM Electronics ELM327P Datasheet HTML 14Page - ELM Electronics ELM327P Datasheet HTML 15Page - ELM Electronics ELM327P Datasheet HTML 16Page - ELM Electronics ELM327P Datasheet HTML 17Page - ELM Electronics ELM327P Datasheet HTML 18Page - ELM Electronics ELM327P Datasheet HTML 19Page - ELM Electronics ELM327P Datasheet HTML 20Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
16 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Commands (continued)
Setting the timer to a new value simply requires
using the ST command. For example, AT ST 19 will
give a setting of about 100 msec (19 in hex is 25 in
decimal). The ST timer is set to 32 by default (205
msec), but the default setting can be adjusted by
changing PP 03. Note that a value of 00 does not
result in 0 msec – it is a special value that sets the
timer to the default value.
When Adaptive Timing is enabled, the AT ST time
is modified by the actual measured response times,
however, the timer will never be set to a value that is
greater than the AT ST setting.
SW hh
[ Set Wakeup to hh ]
Once a data connection has been made, some
vehicles require that there be data flow every few
seconds, or the connection may time out and ‘go to
sleep.’
The
ELM327
will
automatically
generate
periodic ‘wakeup’ messages in order to maintain this
connection, whenever the user is not requesting any
data. (Currently, only protocols 3, 4, and 5 generate
these messages.) The replies to these messages are
always ignored, and are not visible to the user.
The time interval between these periodic ‘wakeup’
messages can be adjusted in 20 msec increments
using the AT SW hh command, where hh is any
hexadecimal value from 00 to FF. The maximum
possible time delay of just over 5 seconds thus occurs
when a value of FF (decimal 255) is used. The default
setting provides a nominal delay of 3 seconds between
messages.
Note that the value 00 (zero) is treated as a very
special case, and must be used with caution, as it will
stop all periodic messages. This is provided as it may
be
convenient
in
certain
circumstances.
Issuing
AT SW 00 will not change a prior setting for the time
between wakeup messages, should the protocol be re-
initialized.
TP h
[ Try Protocol h ]
This command is identical to the SP command,
except that the protocol that you select is not
immediately saved in internal memory, so does not
change the default setting. Note that if the memory
function is enabled (AT M1), and this new protocol that
you are trying is found to be valid, that protocol will
then be stored in memory as the new default.
TP Ah
[ Try Protocol h with Auto ]
This command is very similar to the AT TP
command above, except that if the protocol that is tried
should
fail
to
initialize,
the
ELM327
will
then
automatically sequence through all of the protocols,
attempting to connect to one of them.
WM [1 to 6 bytes]
[ set Wakeup Message to…]
This command allows the user to override the
default settings for the wakeup messages (sometimes
known as the ‘periodic idle’ messages). Simply provide
the bytes that you wish to have sent (one to six of
them), and the ELM327 will then send them as
required, at the rate determined by the AT SW setting.
Note that you do not have to add a checksum byte to
the data – the ELM327 calculates the value and adds
it for you.
WS
[ Warm Start ]
This command causes the ELM327 to perform a
complete reset which is very similar to the AT Z
command, but does not include the power on LED
test. Users may find this a convenient means to
quickly ‘start over’ without having the extra delay of the
AT Z command.
If using variable RS232 baud rates (ie AT BRD
commands), it is preferred that you reset the IC using
this command, rather than AT Z, as AT WS will not
affect the chosen RS232 baud rate.
Z
[ reset all ]
This command causes the chip to perform a
complete reset as if power were cycled off and then on
again. All settings are returned to their default values,
and the chip will be put in the idle state, waiting for
characters on the RS232 bus. Any baud rate set with
the AT BRD command will be reset to the default
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com