Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 49 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 49 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics ELM327P Datasheet HTML 46Page - ELM Electronics ELM327P Datasheet HTML 47Page - ELM Electronics ELM327P Datasheet HTML 48Page - ELM Electronics ELM327P Datasheet HTML 49Page - ELM Electronics ELM327P Datasheet HTML 50Page - ELM Electronics ELM327P Datasheet HTML 51Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
49 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Resistors
R32, R33= 100
Ω
R5 = 240
Ω
R1, R2, R3, R4, R27, R28, R29, R30 = 470
Ω
R17, R19 = 510
Ω 1/2W
R16, R18 = 2.2 K
Ω
R6, R7, R14, R15, R23, R26, R31 = 4.7 K
Ω
R8, R9, R11, R13, R22, R24, R25, R35 = 10 K
Ω
R10, R21, R36 = 22 K
Ω
R20, R34 = 47 K
Ω
R12 = 100 K
Ω
Misc
X1 = 4.000MHz crystal
RS232 Conn = DB9F
IC Socket = 28pin 0.3” (or 2 x 14pin)
Semiconductors
D1 = 1N4001
D2, D3, D4, D5 = 1N4148
L1, L2, L3, L4 = Yellow LED
L5 = Green LED
Q1, Q3, Q5, Q6, Q7, Q9 = 2N3904 (NPN)
Q2, Q4, Q8 = 2N3906 (PNP)
U1 = ELM327
U2 = MCP2551
U3 = 78L05 (5V, 100mA regulator)
U4 = 317L (adj. 100mA regulator)
Capacitors
C1, C2, C5, C6, C7 = 0.1uF 16V
C3, C4 = 27pF
C8, C9 = 560pF
Figure 10. Parts List for Figure 9
Example Applications (Cont’d)
proceed to try J1850 VPW. If the memory is enabled
(as shown), J1850 VPW will then become the new
default, with no input required by you. This will work
well for most applications, but if the circuit is used on a
vehicle with the key off, for example, then it will again
go searching for a new protocol. In general, you do not
want this to happen every time. It may be only a minor
inconvenience to have to wait while the ELM327
determines that it is “UNABLE TO CONNECT”, but
why go through it if you do not have to? If you know
that you are using the circuit in a J1850 VPW only
application (protocol 2) then you should issue the
command AT SP 2 the very first time that the circuit is
powered. From that point on, it will remain in protocol
2, whether it fails to make a connection or not.
This has provided two examples of how the
ELM327 integrated circuit might be used. Hopefully it
has been enough to get you started on your way to
many more… we hope that you enjoy the journey!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com