Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 15 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 15 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 11Page - ELM Electronics ELM327P Datasheet HTML 12Page - ELM Electronics ELM327P Datasheet HTML 13Page - ELM Electronics ELM327P Datasheet HTML 14Page - ELM Electronics ELM327P Datasheet HTML 15Page - ELM Electronics ELM327P Datasheet HTML 16Page - ELM Electronics ELM327P Datasheet HTML 17Page - ELM Electronics ELM327P Datasheet HTML 18Page - ELM Electronics ELM327P Datasheet HTML 19Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
15 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Commands (continued)
SH xyz
[ Set the Header to 00 0x yz ]
Entering CAN 11 bit ID words (headers) normally
requires that extra leading zeros be added (eg. AT SH
00 07 DF), but this command simplifies doing so. The
AT SH xyz command accepts a three digit argument,
takes only the right-most 11 bits from that, adds
leading zeros, and stores the result in the header
storage locations for you. As an example, AT SH 7DF
is a valid command, and is quite useful for working
with 11 bit CAN systems. It actually results in the
header bytes being internally stored as 00 07 DF.
SP h
[ Set Protocol to h ]
This command is used to set the ELM327 for
operation using the protocol specified by 'h', and to
also save it as the new default. Note that the protocol
will be saved no matter what the AT M0/M1 setting is.
The currently valid protocols are:
0 - Automatic
1 - SAE J1850 PWM (41.6 Kbaud)
2 - SAE J1850 VPW (10.4 Kbaud)
3 - ISO 9141-2 (5 baud init, 10.4 Kbaud)
4 - ISO 14230-4 KWP (5 baud init, 10.4 Kbaud)
5 - ISO 14230-4 KWP (fast init, 10.4 Kbaud)
6 - ISO 15765-4 CAN (11 bit ID, 500 Kbaud)
7 - ISO 15765-4 CAN (29 bit ID, 500 Kbaud)
8 - ISO 15765-4 CAN (11 bit ID, 250 Kbaud)
9 - ISO 15765-4 CAN (29 bit ID, 250 Kbaud)
A - SAE J1939 CAN (29 bit ID, 250* Kbaud)
B - USER1 CAN (11* bit ID, 125* Kbaud)
C - USER2 CAN (11* bit ID, 50* Kbaud)
* default settings (user adjustable)
The first protocol shown (0) is a convenient way of
telling the ELM327 to automatically try all protocols,
when looking for a valid one. It causes the ELM327 to
sequence through each of the protocols, looking for
one that can be initiated correctly. When a valid
protocol is found, and the memory function is enabled,
that protocol will then be remembered, and will
become the new default setting. When saved like this,
the automatic mode searching will still be enabled, and
the next time the ELM327 fails to connect to the saved
protocol, it will again search all protocols for another
valid one.
If another protocol (other than the Automatic one)
is selected with this command (eg. AT SP 3), that
protocol will become the default, and will be the only
protocol used by the ELM327. Failure to initiate a
connection in this situation will result in familiar
responses such as ‘BUS INIT: ...ERROR’, and no
other protocols will be attempted. This is a useful
setting if you know that your vehicle(s) only require the
one protocol.
SP Ah
[ Set Protocol to Auto, h ]
This variation of the SP command allows you to
choose a starting (default) protocol, while still retaining
the ability to automatically search for a valid protocol
on a failure to connect. For example, if your vehicle is
ISO 9141-2, but you want to occasionally use the
ELM327 circuit on other vehicles, you might set
AT SP A3. The default protocol will then be 3, but with
the ability to automatically search for other protocols.
Don't forget to disable the memory function if doing
this, or your neighbour’s protocol could become your
new default. As for AT SP h, an AT SP Ah will save
the protocol information even if the memory option is
off. Note that the ‘A’ can come before or after the h, so
AT SP A3 can also be entered as AT SP 3A.
SR hh
[Set the Receive address to hh ]
Depending on the application, users may wish to
manually set the address to which the ELM327 will
respond. Issuing this command will turn off the AR
mode, and force the IC to only accept responses
addressed to hh. Use caution with this setting, as
depending on what you set it to, you may end up
accepting (acknowledging with an IFR) a message that
was actually meant for another module.
This command does not affect addresses used by
the J1939 protocol. The J1939 routines derive the
required addresses from the header values, as
required by the SAE standard.
ST hh
[ Set Timeout to hh ]
After sending a request, the ELM327 waits a
preset time for a response before it can declare that
there was ‘NO DATA’ from the vehicle. The same
timer setting is also used after a response has been
received, to be sure that no more responses are
coming. The AT ST command allows this time to be
adjusted, in increments of about 4 msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com