Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 31 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 31 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 27Page - ELM Electronics ELM327P Datasheet HTML 28Page - ELM Electronics ELM327P Datasheet HTML 29Page - ELM Electronics ELM327P Datasheet HTML 30Page - ELM Electronics ELM327P Datasheet HTML 31Page - ELM Electronics ELM327P Datasheet HTML 32Page - ELM Electronics ELM327P Datasheet HTML 33Page - ELM Electronics ELM327P Datasheet HTML 34Page - ELM Electronics ELM327P Datasheet HTML 35Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
CAN Messages and Filtering
The ELM327 monitoring commands (AT MA, MR
and MT) usually work very well with the ‘slower’
protocols – J1850, ISO 9141 and ISO 14230. The
CAN systems are a different story, however, as they
often have an order of magnitude more information
passing over them. The relatively small 256 byte buffer
that the ELM327 uses for sending can quickly fill up
when data is arriving at 500 Kbps and leaving at
38.4 Kbps, or even 115.2 Kbps.
To help reduce the amount of information seen by
the ELM327, the internal CAN module has a ‘filter’ that
can be used to pass only messages with specific ID
bits. A range of values can be passed when the filter is
used with what is called a ‘mask’ to say which bits are
relevant.
As an example, consider an application where you
are trying to monitor for 29 bit CAN diagnostic
messages,
exactly
like
the
ELM327
does.
By
definition, these messages will be sent to the scan tool
at address F1. From ISO 15765-4, you know then that
the ID portion of the reply must be of the form:
18 DA F1 xx
where xx is the address of the module that is sending
the message. To use the filter, then, enter what you
have into it, putting anything in for the unknown portion
(you will see why in a moment). The command to set
the CAN filter is AT CF…
>AT CF 18 DA F1 00
How, you ask, do you tell the ELM327 to ignore
those last two 0’s? You do that with the mask. The
mask is a set of bits that tell the ELM327 which bits in
the filter are relevant. If the mask bit is 1, that filter bit
is relevant, and is required to match. If it is 0, then that
filter bit will be ignored. All bits in the above message
are relevant, except those of the last two digits. To set
the mask for this example then, you would need to use
the CAN Mask command, as follows:
>AT CM 1F FF FF 00
If desired, you can convert the hexadecimal to
binary to see what has been done.
The 11 bit CAN IDs are treated in the same
manner. Recall that they are stored internally in the
right-most 11 bits of the locations used for 29 bit CAN,
which must be considered when creating a filter or
mask. As an example, assume that we wish to display
all messages that have a 6 as the first digit of the 11
31 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
bit ID. We need to set a filter to look for 6 in that digit:
>AT CF 00 00 06 00
The 11 bit ID is stored in the last three locations,
so the 6 would appear where it is shown. Now, to
make that digit relevant, we create the mask:
>AT CM 00 00 0F 00
The system only uses the 11 right-most bits in this
case, so we can be lazy and enter the F as shown (the
first bit of the F will be ignored, and it will be treated as
if we had entered a 7).
Clearly, this can be quite cumbersome if using 11
bit CAN systems routinely. To help with that, the
ELM327 offers some shorter versions of the CF and
CM commands. To use them for the example above,
you need only enter three digit arguments:
>AT CF 600
and
>AT CM F00
As for the full eight digit versions, only the 11 least
significant (right-most) digits are actually used, so you
do not need to take special care with the first bit.
With a little practice, these commands are fairly
easy to master. Initially, try entering the filter and mask
values, then use a command such as AT MA to see
what the results are. The ELM327 knows that you are
trying to filter, and combines the effects of both
commands (it will do that for MR and MT as well). The
MA, MR and MT commands all have the extra benefit
that while they are in effect, the ELM327 will remain
quiet, not sending acknowledgement or error signals,
so anything you do while monitoring should not disrupt
other devices that are on the bus.
Note that if a filter has been set, it will be used for
all CAN messages. Setting filters and masks may
cause standard OBD requests to be ignored though,
and you may begin seeing “NO DATA” responses. If
this happens, and you are unsure of why, you may
want to reset everything to their default values (AT D)
and start over.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com